Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD315AI Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # 2SD315AI
Description  2SD315AI Dual SCALE Driver Core
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SD315AI Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button 2SD315AI Datasheet HTML 7Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 8Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 9Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 10Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 11Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 12Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 13Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 14Page - Power Integrations, Inc. 2SD315AI Datasheet HTML 15Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SCALE Driver
2SD315AI Data Sheet
IGBT-Driver.com
Page 11
Notes on Table 1
The values for “Vth1” and “Vth2” are
listed in Table 1 as a function of the
reference resistance Rth.
The value in the “Vth1” column cor-
responds to the voltage threshold
after the response time has elapsed.
The value in the “Vth2” column cor-
responds to the voltage which is set
up statically across the resistor Rth.
This static value is typically reached
after between 10 and 15 µs.
The value in the “VCE(off)” column
corresponds to the collector-emitter
voltage value at which the protection
function is activated when the
external circuit is used as shown in
Fig. 4 with one or two Dm diodes of
type 1N4007 connected in series.
A value of 1n5 is used for the
response time capacitor Ca. If this
capacitor is rated higher or lower, the
response time changes in proportion
to the change in capacitance, whereas
the thresholds Vth1 and Vth2 remain
practically
unchanged
(they
are
specified by Rth).
Value Rth Reaction
time
Vth1
Vth2
VCE(off)
22k
 4.9s
 4.8V
 3.2V
2.35V (1 Diode)
27k
 5.7s
 5.6V
 3.9V
3.05V (1 Diode)
33k
 6.8s
 6.5V
 4.7V
3.25V (2 Diodes)
39k
 7.6s
 7.3V
 5.6V
4.15V (2 Diodes)
47k
 9s
 8.4V
 6.8V
5.35V (2 Diodes)
Table 1 Reference resistor, reaction time and turn-off threshold with Ca = 1n5
+Vdc
0V
Vth
Response time
Detail view
Detail
0V
Vce
Vth1
Vce
Vth2
Fig. 5 Collector-sense voltage curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com