Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIO-CSJGIN3/2 Datasheet(PDF) 36 Page - Amphenol Industrial Products Group.

Part # AIO-CSJGIN3/2
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJGIN3/2 Datasheet(HTML) 36 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJGIN3/2 Datasheet HTML 32Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 33Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 34Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 35Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 36Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 37Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 38Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 39Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 40Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
34
TERMINATION ASSEMBLIES
“SE”, MS / “E” Open Wire Seal
PT07SE-XX-XXX
SP07SE-XX-XXX
MS3124E-XX-XXX
“SE” (SR), MS / “F” Strain Relief
PT07SE-XX-XXX (SR)
SP07SE-XX-XXX (SR)
MS3124F-XX-XXX
“SP”, MS / “P” Potting Boot
PT07SP-XX-XXX
SP07SP-XX-XXX
MS3124P-XX-XXX
Shell
Size
Receptacle Front View
Receptacle Side View
H Hex
Max.
S
Max.
A Dia.
+.001
–.005
J Flat
+.000
–.010
K
+.011
–.010
M
±.005
P
Panel Thickness
R
Thread
Class 2A
Min.
Max.
8
.767
.954
.473
.530
.125
.696
.062
.125
.5625-24 UNEF
10
.892
1.078
.590
.655
.125
.696
.062
.125
.6875-24 NEF
12
1.079
1.266
.750
.818
.125
.696
.062
.125
.8750-20 UNEF
14
1.205
1.391
.875
.942
.125
.696
.062
.125
1.0000-20 UNEF
16
1.329
1.516
1.000
1.066
.125
.696
.062
.125
1.1250-18 NEF
18
1.455
1.641
1.125
1.191
.125
.696
.062
.125
1.2500-18 NEF
20
1.579
1.828
1.250
1.316
.156
.884
.062
.250
1.3750-18 NEF
22
1.705
1.954
1.375
1.441
.156
.884
.062
.250
1.5000-18 NEF
24
1.829
2.078
1.500
1.566
.156
.917
.062
.250
1.6250-18 NEF
Shell
Size
Class “SE”, MS / “E”
Class “SE” (SR), MS / “F”
Class “SP”, MS /”P”
L
Max.
N
Max.
F
Min.
G Dia.
Free
L
Max.
N
Max.
G
Dia.
L
Max.
N Dia.
Max.
8
1.438
.749
.234
.125
1.922
.828
–
–
–
10
1.438
.874
.297
.188
1.922
.891
.444
1.656
.734
12
1.438
.999
.422
.312
1.922
1.016
.558
1.656
.858
14
1.438
1.124
.547
.375
1.922
1.141
.683
1.656
.984
16
1.438
1.249
.609
.500
2.000
1.203
.808
1.656
1.110
18
1.438
1.374
.734
.625
2.000
1.469
.909
1.656
1.234
20
1.625
1.530
.734
.625
2.172
1.469
1.034
1.922
1.360
22
1.625
1.655
.922
.750
2.172
1.656
1.159
1.922
1.484
24
1.688
1.780
.984
.800
2.234
1.750
1.284
1.951
1.610
All dimensions for reference only.
PT07 SE (MS3124)
SP07 SE
jam nut receptacle
To complete part number see how to order on page 36.
All lockwire holes are .044 Dia. Min.
S
H
S
J
N
A
M
K
P
R
L
J
N
F
A
M
R
P
K
L
J
N
G
A
R
M
L
P
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com