Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIO-CSJGIN3/2 Datasheet(PDF) 43 Page - Amphenol Industrial Products Group.

Part # AIO-CSJGIN3/2
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJGIN3/2 Datasheet(HTML) 43 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJGIN3/2 Datasheet HTML 39Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 40Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 41Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 42Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 43Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 44Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 45Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 46Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 47Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
41
PT accessories
glands
Nylon Cable Glands
Material:
Nylon 66 (UL Approved 94V-2)
Seal Ring:
UL 94V-2(UL Approved 94V-2)
Thread Type:
Metric , PG, NPT
Temp Range:
Static:
- 40°C ∼ +100°C
Dynamic:
- 20°C ∼ + 80°C
Short Term:
+120°C
Current Colors: Gray, Black
Metal Cable Glands
Material:
Brass with Nickel; Brass with Tin/Nickel
Clamping:
UL approved PA6, 94V-0
Seal Ring:
UL 94V-2 (UL approved NBR, 94V-2;UL approved
DOW CORNING RUBBER, 94V-0
Thread Type:
Metric, PG, NPT
Protective:
IP68 (tighten with o-ring)
Temp Range: - 40°C ∼ +100°C
Torque Value (N-M) to tighten the fitting to the flexible cord: 6.25N-M
Torque Value (N-M) to tighten the fitting to the threaded hub: 4.17N-M
M12, M16, M20 are UL recognized under file # E339605
For additional information on other products available
refer to our Cord Grips & Cable Glands, Catalog 12-055.
15
19
22
24
27
27
33
33
42
42
54
60
80
24
33
54
54
24
33
42
54
54
80
15
19
22
24
27
33
42
54
60
AIO-CSPG42
PG42
38
32 – 38
14
52
AIO-CSPG36
PG36
32
22 – 32
13
48
AIO-CSPG29
PG29
25
18 – 25
11
38
AIO-CSPG21
PG21
18
13 – 18
11
33
AIO-CSPG16
PG16
14
10 – 14
10
28
AIO-CSPG13.5
PG13.5
12
6 – 12
9
26
AIO-CSPG11
PG11
10
5 – 10
8
24
AIO-CSPG9
PG9
8
4 – 8
8
22
AIO-CSPG7
PG7
6.5
3 – 6.5
8
20
AIO-CSGIN5/2
G2”1/2”
57
51 – 57
14
75
AIO-CSGIN3/2
G1”1/2”
32
22 – 32
13
48
AIO-CSGIN5/4
G1”1/4”
28
21 – 28
13
48
AIO-CSGIN1
G1”
25
18 – 25
11
33
AIO-CSGIN3/4
G3/4”
18
13 – 18
11
27
AIO-CSGIN1/2
G1/2”
12
6 – 12
9
26
AIO-CSIN3/2
NPT1”1/2”
32
22 – 32
17.3
50
AIO-CSIN5/4
NPT1”1/4”
32
22 – 32
17.3
46
AIO-CSIN3/4
NPT3/4”
18
13 – 18
14.1
32
AIO-CSIN1/2
NPT1/2”
12
6 – 12
13.6
28
AIO-CSM72
M72 2.0
57
51 – 57
16
75
AIO-CSM50
M50 1.5
38
32 – 38
14
50
AIO-CSM40
M40 1.5
32
22 – 32
13
48
AIO-CSM33
M33 2.0
25
18 – 25
11
39
AIO-CSM32
M32 1.5
25
18 – 25
11
38
AIO-CSM30
M30 2.0
18
13 – 18
11
33
AIO-CSM25
M25x1.5
18
13 – 18
10
30
AIO-CSM24
M24 1.5
14
10 – 14
10
30
AIO-CSM22
M22 1.5
14
10 – 14
10
30
AIO-CSM20
M20 1.5
12
6 – 12
9
30
AIO-CSM18
M18 1.5
10
5 – 10
9
25
AIO-CSM16
M16x1.5
8
4 – 8
8
22
Spanner "S"
(mm)
AIO-CSM12
M12x1.5
8
3 – 6.5
8
20
AIGO Part
Thread “A”
Max ”d”
(mm)
Cable Range
(mm)
Thread “L”
(mm)
Clamp ”H”
(mm)
Metal Cable Glands
Nylon Cable Glands
14
15
18
22
22
24
27
30
30
32
40
40
50
60
67
75
90
100
24
30
50
50
65
80
100
24
30
40
50
50
65
82
100
14
18
22
20
22
24
30
50
60
65
AIO-CSJPG48
PG48
44
37 – 44
12
44
AIO-CSJPG42
PG42
38
32 – 38
11
42
AIO-CSJPG36
PG36
32
22 – 32
10
38
AIO-CSJPG21
PG21
18
13 – 18
8
26
AIO-CSJPG16
PG16
14
10 – 14
8
25
AIO-CSJPG13.5
PG13.5
12
6 – 12
8
24
AIO-CSJPGM16
M16x1.5
10
6.2 – 10
6.5
22
AIO-CSJPG11
PG11
10
5 – 10
7
20
AIO-CSJPG9
PG9
8
4 – 8
7
21
AIO-CSJPG7
PG7
6.5
3 – 6.5
6
18
AIO-CSJGIN3
G3”
70
62 – 70
20
55
AIO-CSJGIN5/2
G2 1/2”
52
46 – 52
16
47
AIO-CSJGIN2
G2”
44
37 – 44
12
44
AIO-CSJGIN3/2
G1”1/2”
32
22 – 32
10
39
AIO-CSJGIN5/4
G1”1/4”
32
22 – 32
10
39
AIO-CSJGIN1
G1”
25
18 – 25
10
34
AIO-CSJGIN3/4
G3/4”
18
13 – 18
8
27
AIO-CSJGIN1/2
G1/2”
12
6 – 12
8
24
AIO-CSJIN3
NPT3”
70
62 – 70
26
58
AIO-CSJIN5/2
NPT2 1/2”
52
46 – 52
23.7
58
AIO-CSJIN2
NPT2”
44
37 – 44
17.7
46
AIO-CSJIN3/2
NPT1”1/2”
32
22 – 32
17.3
46
AIO-CSJIN5/4
NPT1”1/4”
32
22 – 32
17.3
41
AIO-CSJIN3/4
NPT3/4”
18
13 – 18
14.1
26
AIO-CSJIN1/2
NPT1/2”
12
6 – 12
13.6
25
AIO-CSJM90
M90 2.0
70
62 – 70
20
57
AIO-CSJM80
M80 2.0
60
52 – 60
20
57
AIO-CSJM72
M72 2.0
52
46 – 52
16
47
AIO-CSJM63
M63 1.5
44
37 – 44
12
43
AIO-CSJM50
M50 1.5
38
32 – 38
11
39
AIO-CSJM40
M40 1.5
32
22 – 32
10
39
AIO-CSJM36
M36 2.0
25
18 – 25
10
34
AIO-CSJM32
M32 1.5
25
18 – 25
10
27
AIO-CSJM30
M30 2.0
18
13 – 18
8
26
AIO-CSJM27
M27 2.0
18
13 – 18
8
26
AIO-CSJM25
M25x1.5
18
13 – 18
7.8
23
AIO-CSJM24
M24 1.5
14
10 – 14
8
24
AIO-CSJM22
M22 1.5
14
10 – 14
8
24
AIO-CSJM20
M20x1.5
12
6 – 12
8.3
20
AIO-CSJM18
M18x1.5
10
5 – 10
7
20
AIO-CSJM16
M16x1.5
9
6 – 9
6.3
20
AIO-CSJM14
M14x1.5
8
4 – 8
5
19
Spanner "S"
(mm)
AIO-CSJM12
M12x1.5
6.5
3 – 6.5
6.2
15
AIGO Part
Thread “A” Max ”d”
(mm)
Cable Range
(mm)
Thread “L”
(mm)
Clamp ”H”
(mm)
Torque Value (N-M) of hex and cap nuts: 3.0-4.5 N-M
M12, M16, M20 are UL recognized under file # E339605



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com