Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIO-CSJGIN3/2 Datasheet(PDF) 49 Page - Amphenol Industrial Products Group.

Part # AIO-CSJGIN3/2
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJGIN3/2 Datasheet(HTML) 49 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJGIN3/2 Datasheet HTML 45Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 46Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 47Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 48Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 49Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 50Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 51Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 52Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 53Page - Amphenol Industrial Products Group.  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
47
Coaxial Contacts
for miniature cylindrical connectors, cont.
crimp SE (MIL-DTL-26482 Series 1 type) - application data
SE CRIMP COAX CONTACTS
For use in Miniature Crimp Type Connectors: PT-SE, SP-SE, and MS/PT-SE Styles
Cable
Contact Part Number
Contact
Size
Type
Finish
on
Mating
Parts
Dimensional Data
(See Drawings above)
Crimp Ferrule Tools
Retainer
Nut
Wrench
Installation Tools
G
Dia.
H
Dia.
±0.001
F
Across
Flats
±0.004
L
Length Ref.
Insertion
Removal
Pin
Socket
Pin Socket
MIL-T-22910/7-1
Tool
Use with Die Part
Number
MIL-C-22520/5-01
Tool
Use with Die Part
Number
MIL-C-22520/10-0
Tool
Use with Die Part
Number
RG-55B/U,
RG-142A/U,
RG-142B/U,
RG-223/U
21-33012-21
21-33012-25
21-33011-21
21-33011-25
8
8
I
II
2
0.0355
±0.0010 0.218 0.280 1.156 1.144 M22910/7-17 (B)
M22520/5-05 (A)
M22520/5-19 (B) M22520/10-07 (A) 11-8676-2
11-8369-5
11-8660-5
11-7880-8
11-8154-1
21-33038-21
21-33038-25*
21-33037-21
21-33037-25
8
8
I
II
4
21-33138-21( )*
21-33138-25( )*
21-33137-21( )*
21-33137-25( )*
8
8
I
II
**
RG-58C/U,
RG-141A/U,
RG-303/U
21-33012-22
21-33012-26
21-33011-22
21-33011-26
8
8
I
II
2
0.0355
±0.0010 0.218 0.280 1.156 1.144 M22910/7-15 (B)
M22520/5-05 (B)
M22520/5-41 (B) M22520/10-07 (B) 11-8676-2
11-8369-4
11-8660-4
11-7880-8
11-8154-1
21-33038-22*
21-33038-26*
21-33037-22
21-33037-26*
8
8
I
II
4
21-33138-22( )*
21-33138-26( )*
21-33137-22( )
21-33137-26( )*
8
8
I
II
**
RG-59B/U,
RG-62A/U,
RG-62B/U,
RG-210/U
21-33012-36 21-33011-36
8
II
2
0.0355
±0.0010 0.218 0.280 1.156 1.144 M22910/7-18 (B) M22520/5-45 (B)
11-8676-3 11-8369-5
11-8660-5
11-7880-8
11-8154-1
21-33038-36* 21-33037-36
8
II
4
21-33138-36( )* 21-33137-36( )
8
II
**
RG-140/U,
RG-302/U
21-33012-37* 21-33011-37*
8
II
2
0.0355
±0.0010 0.218 0.280 1.156 1.144 M22910/7-17 (B)
M22520/5-05 (A)
M22520/5-19 (B) M22520/10-07 (A) 11-8676-2
11-8369-5
11-8660-5
11-7880-8
11-8154-1
21-33038-37* 21-33037-37*
8
II
4
21-33138-37( )* 21-33137-37( )*
8
II
**
RG-161/U,
RG-174A/U,
RG-179B/U,
RG-187A/U,
RG-188A/U,
RG-316/U
21-33012-34
21-33012-30
21-33011-34
21-33011-30
8
8
I
II
2
0.0355
±0.0010 0.218 0.280 1.156 1.144
M22910/7-12 (B)
M22520/5-03 (A)
M22520/5-08 (A)
M22520/5-35 (B)
M22520/10-05 (A)
11-8676-2
11-8369-2
11-8660-2
11-7880-8
11-8154-1
21-33038-34
21-33038-30
21-33037-34
21-33037-30
8
8
I
II
4
21-33138-34( )*
21-33138-30( )*
21-33137-34( )*
21-33137-30( )*
8
8
I
II
**
21-33012-1
21-33012-4
21-33011-1
21-33011-4
12
12
I
II
2
0.0200
±0.0005 0.128 0.172 1.092 1.072
11-8676-1
11-7880-12
11-8154-2
21-33038-1*
21-33038-4
21-33037-1*
21-33037-4*
12
12
I
II
4
21-33138-1( )*
21-33138-4( )*
21-33137-1( )
21-33137-4( )*
12
12
I
II
**
RG-178B/U,
RG-196A/U
21-33012-35 21-33011-35
8
I
2
0.0355
±0.0010 0.218 0.280 1.156 1.144
M22910/7-11 (B) M22520/5-03 (B)
M22520/5-33 (B) M22520/10-05 (A)
11-8676-2
11-8369-1
11-8660-1
11-7880-8
11-8154-1
21-33038-35 21-33037-35
8
I
4
21-33138-35( )* 21-33137-35( )*
8
I
**
21-33012-3*
21-33012-5
21-33011-3*
21-33011-5
12
12
I
II
2
0.0200
± 0.0005 0.128 0.172 1.092 1.072
11-8676-1
11-7880-12
11-8154-2
21-33038-3*
21-33038-5
21-33037-3*
21-33037-5*
12
12
I
II
4
21-33138-3( )*
21-33138-5( )*
21-33137-3( )*
21-33137-5( )*
12
12
I
II
**
NOTE: Contacts can be ordered by part numbers given in chart
** See finish options for SE crimp Miniature contacts listed on page 44. Replace the parenthesis
of the contact part number with the finish suffix number. However, you should consult
Amphenol, Sidney, NY regarding the availability of all finish choices for each part number.
* Consult Amphenol, Sidney NY for availability
CRIMPING TOOLS: Italicized letters in parenthesis that follow positioner part numbers
indicate applicable die closure. Commercial equivalents with the same die closure
dimension may be used.
CHART CONTINUES ON NEXT PAGE
NOTE: All contacts of the same size and the same inner and outer contact
diameters (G & H) will mate with each other.
MATING
PIN DIA
H
G
SOCKET
F
L
MATING
PIN DIA
H
G
PIN
F
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com