Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIO-CSJGIN3/2 Datasheet(PDF) 40 Page - Amphenol Industrial Products Group.

Part # AIO-CSJGIN3/2
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJGIN3/2 Datasheet(HTML) 40 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJGIN3/2 Datasheet HTML 36Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 37Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 38Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 39Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 40Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 41Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 42Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 43Page - Amphenol Industrial Products Group. AIO-CSJGIN3/2 Datasheet HTML 44Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
38
CLASS “E” STRAIN RELIEF CLAMP – FOR PT & SP
Shell
Size
B
Max.
C Thread
Class 2B
D
Min.
G
Max.
L
Max.
8
.550
6-32 NC
.240
.812
.930
10
.675
6-32 NC
.302
.875
.930
12
.803
6-32 NC
.428
1.000
.930
14
.920
6-32 NC
.552
1.125
.930
16
1.047
6-32 NC
.615
1.188
1.062
18
1.165
8-32 NC
.740
1.438
1.062
20
1.291
8-32 NC
.740
1.438
1.093
22
1.418
8-32 NC
.928
1.719
1.093
24
1.533
8-32 NC
.928
1.719
1.093
How to Order: 10-101971-XX X
Add desired
Add desired finish suffix†
shell size
“3” designates olive drab cadmium
“5” designates Alumilite®
Not for use with jam nut style connectors.
CLASSES “A” & “P” STRAIN RELIEF CLAMP – FOR PT & SP
Shell
Size
B
Max.
C
Thread
Class 2B
D
Min.
G
Max.
L
+.010
–.020
8
.540
6-32 NC
.240
.812
.843
10
.665
6-32 NC
.302
.875
.843
12
.793
6-32 NC
.428
1.000
.843
14
.910
6-32 NC
.552
1.125
.843
16
1.037
6-32 NC
.614
1.188
.975
18
1.155
8-32 NC
.740
1.438
.975
20
1.281
8-32 NC
.740
1.438
1.007
22
1.408
8-32 NC
.928
1.719
1.007
24
1.533
8-32 NC
.938
1.719
1.007
How to Order: 10-101980-XX X
Add desired
Add desired finish suffix†
shell size
“3” designates olive drab cadmium
“5” designates Alumilite®
Not for use with jam nut style connectors.
CLASS “A” CABLE CLAMPS – FOR PT & SP
Shell
Size
Amphenol®
Part Number
A
±.031
B
Max.
C
Dia. Min.
V
Thread
10
97-3057-1004
.795
.842
.3125
.6250-24
12
97-3057-1007
.850
.995
.4375
.7500-20
14
97-3057-1008
.920
1.120
.5625
.8750-20
16
97-3057-1010
.920
1.216
.6250
1.0000-20
18/20
97-3057-1012
.927
1.403
.7500
1.1875-18
22/24
97-3057-1016
1.015
1.683
.9375
1.4375-18
How to Order: Order by 97-3057-XXXX number listed above. Standard finish is olive
drab zinc alloy. Consult Amphenol, Sidney, NY for alternate finishes.
† Standard accessory finishes are “3” olive drab cadmium for PT and MS/PT types,
“5” Alumilite® for SP types. Electroless nickel plating is also available on some
items; consult Amphenol, Sidney, NY
All dimensions for reference only.
PT & SP
accessories – clamps
CLASS “E” STRAIN RELIEF CLAMP
10-101971-XX
CLASSES “A” & “P” STRAIN
RELIEF CLAMP
10-101980-XX
CLASS “A” CABLE CLAMP
97-3057-XXXX
BD G
L
C
BD G
L
C
C
B
A
V Thread



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com