Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564 Datasheet(PDF) 25 Page - Texas Instruments

Part # DAC8564
Description  14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/°C Internal Reference
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8564 Datasheet(HTML) 25 Page - Texas Instruments

Back Button DAC8564 Datasheet HTML 21Page - Texas Instruments DAC8564 Datasheet HTML 22Page - Texas Instruments DAC8564 Datasheet HTML 23Page - Texas Instruments DAC8564 Datasheet HTML 24Page - Texas Instruments DAC8564 Datasheet HTML 25Page - Texas Instruments DAC8564 Datasheet HTML 26Page - Texas Instruments DAC8564 Datasheet HTML 27Page - Texas Instruments DAC8564 Datasheet HTML 28Page - Texas Instruments DAC8564 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
DAC
Register
REF(+)
ResistorString
REF( )
-
V
L
REF
V
H
REF
V
OUTX
62kW
50kW
50kW
V
=
OUTX
D
IN
16384
2 ´
´
V
V
V
REF
REF
REF
L+(
H
L)
-
V
REF
R
R
R
R
V
REF
2
R
DIVIDER
ToOutputAmplifier
(2xGain)
DAC8165
www.ti.com
SBAS409B
– FEBRUARY 2008 – REVISED MARCH 2011
THEORY OF OPERATION
DIGITAL-TO-ANALOG CONVERTER (DAC)
code loaded into the DAC register determines at
which node on the string the voltage is tapped off to
The DAC8165 architecture consists of a string DAC
be fed into the output amplifier by closing one of the
followed by an output buffer amplifier. Figure 92
switches connecting the string to the amplifier. It is
shows a block diagram of the DAC architecture.
monotonic because it is a string of resistors.
Figure 92. DAC8165 Architecture
The input coding to the DAC8165 can be straight
binary or two's complement, so the ideal output
voltage is given by Equation 1.
(1)
where DIN = decimal equivalent of the binary code
that is loaded to the DAC register; it can range from 0
to 16383. X represents channel A, B, C, or D.
DATA FORMAT
The data format can be straight binary or two
’s
complement.
Table
1
illustrates
the
differences
between USB (unsigned straight binary) and BTC
(binary two
’s complement) data formats.
Table 1. USB and BTC Codes
USB CODE
BTC CODE
DESCRIPTION
3FFFh
1FFFh
+Full-Scale
– 1LSB
Figure 93. Resistor String
...
2001h
0001h
Midscale + 1LSB
2000h
0000h
Midscale
OUTPUT AMPLIFIER
1FFFh
3FFFh
Midscale
– 1LSB
The output buffer amplifier is capable of generating
...
rail-to-rail voltages on its output, giving an output
0000h
2000h
Zero Scale
range of 0V to AVDD. It is capable of driving a load of
2k
Ω in parallel with 1000pF to GND. The source and
sink capabilities of the output amplifier can be seen in
RESISTOR STRING
the Typical Characteristics. The slew rate is 2.2V/
μs,
The resistor string section is shown in Figure 93. It is
with a full-scale settling time of 8
μs with the output
simply a string of resistors, each of value R. The
unloaded.
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): DAC8165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com