Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564 Datasheet(PDF) 14 Page - Texas Instruments

Part # DAC8564
Description  14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/°C Internal Reference
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8564 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC8564 Datasheet HTML 10Page - Texas Instruments DAC8564 Datasheet HTML 11Page - Texas Instruments DAC8564 Datasheet HTML 12Page - Texas Instruments DAC8564 Datasheet HTML 13Page - Texas Instruments DAC8564 Datasheet HTML 14Page - Texas Instruments DAC8564 Datasheet HTML 15Page - Texas Instruments DAC8564 Datasheet HTML 16Page - Texas Instruments DAC8564 Datasheet HTML 17Page - Texas Instruments DAC8564 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
0
5
4
3
2
1
f
(kHz)
OUT
-40
-50
-60
-70
-80
-90
-100
THD
ChannelA,AV
DD
REF
=5V,ExternalV
=4.99V
-1dBFSRDigitalInput,f =225kSPS
S
MeasurementBandwidth=20kHz
3rdHarmonic
2ndHarmonic
0
5
4
3
2
1
f
(kHz)
OUT
-40
-50
-60
-70
-80
-90
-100
THD
ChannelB,AV
=5V,ExternalV
=4.99V
DD
REF
-1dBFSRDigitalInput,f =225kSPS
S
MeasurementBandwidth=20kHz
3rdHarmonic
2ndHarmonic
0
5
4
3
2
1
f
(kHz)
OUT
-40
-50
-60
-70
-80
-90
-100
THD
ChannelC,AV
=5V,ExternalV
=4.99V
DD
REF
-1dBFSRDigitalInput,f =225kSPS
S
MeasurementBandwidth=20kHz
3rdHarmonic
2ndHarmonic
0
5
4
3
2
1
f
(kHz)
OUT
-40
-50
-60
-70
-80
-90
-100
THD
3rdHarmonic
ChannelD,AV
=5V,ExternalV
=4.99V
DD
REF
-1dBFSRDigitalInput,f =225kSPS
S
MeasurementBandwidth=20kHz
2ndHarmonic
60
40
20
0
AV
=5.5V
DD
InternalV
Included
REF
50
30
10
950
1000
1050
1100
1150
1200
Power-SupplyCurrent( A)
m
DAC8165
SBAS409B
– FEBRUARY 2008 – REVISED MARCH 2011
www.ti.com
TYPICAL CHARACTERISTICS: DAC at AVDD = 5V (continued)
At TA = +25°C, external reference used, DAC output not loaded, and all DAC codes in straight binary data format, unless
otherwise noted.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs OUTPUT FREQUENCY
vs OUTPUT FREQUENCY
Figure 37.
Figure 38.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs OUTPUT FREQUENCY
vs OUTPUT FREQUENCY
Figure 39.
Figure 40.
POWER-SUPPLY CURRENT
HISTOGRAM
Figure 41.
14
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): DAC8165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com