Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC8564
Description  14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/°C Internal Reference
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8564 Datasheet(HTML) 1 Page - Texas Instruments

  DAC8564 Datasheet HTML 1Page - Texas Instruments DAC8564 Datasheet HTML 2Page - Texas Instruments DAC8564 Datasheet HTML 3Page - Texas Instruments DAC8564 Datasheet HTML 4Page - Texas Instruments DAC8564 Datasheet HTML 5Page - Texas Instruments DAC8564 Datasheet HTML 6Page - Texas Instruments DAC8564 Datasheet HTML 7Page - Texas Instruments DAC8564 Datasheet HTML 8Page - Texas Instruments DAC8564 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
DAC8165
24-BitShiftRegister
SYNC
SCLK
D
IN
DataBufferA
DACRegisterA
DataBufferB
DACRegisterB
DataBufferC
DACRegisterC
DataBufferD
DACRegisterD
AV
DD
Buffer
Control
Register
Control
ControlLogic
2.5V
Reference
Power-Down
ControlLogic
14-BitDAC
14-BitDAC
14-BitDAC
14-BitDAC
V
A
OUT
V
B
OUT
V
C
OUT
V
D
OUT
GND
LDAC
ENABLE
RSTSEL
RST
DAC8165
V
REF
REF
H/V
OUT
IOV
DD
V
REFL
DAC8165
www.ti.com
SBAS409B
– FEBRUARY 2008 – REVISED MARCH 2011
14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
Digital-to-Analog Converter with 2.5V, 2ppm/
°C Internal Reference
Check for Samples: DAC8165
1
FEATURES
DESCRIPTION
The
DAC8165
is
a
low-power,
voltage-output,
234
Relative Accuracy: 1LSB
four-channel, 14-bit digital-to-analog converter (DAC).
Glitch Energy: 0.15nV-s
The
device
includes
a
2.5V,
2ppm/
°C
internal
Internal Reference:
reference (enabled by default), giving a full-scale
output voltage range of 2.5V. The internal reference
– 2.5V Reference Voltage (enabled by default)
has an initial accuracy of 0.004% and can source up
– 0.004% Initial Accuracy (typ)
to 20mA at the VREFH/VREFOUT pin. The device is
– 2ppm/°C Temperature Drift (typ)
monotonic,
provides
very
good
linearity,
and
minimizes undesired code-to-code transient voltages
– 5ppm/°C Temperature Drift (max)
(glitch). The DAC8165 uses a versatile 3-wire serial
– 20mA Sink/Source Capability
interface that operates at clock rates up to 50MHz.
Power-On Reset to Zero-Scale or Mid-Scale
The interface is compatible with standard SPI
™,
QSPI
™, Microwire™, and digital signal processor
Asynchronous Clear to Zero-Scale or
(DSP) interfaces.
Mid-Scale
Ultra-Low Power Operation: 1mA at 5V
The DAC8165 incorporates a power-on-reset circuit
that ensures the DAC output powers up at either
Wide Power Supply Range: +2.7V to +5.5V
zero-scale or mid-scale until a valid code is written to
14-Bit Monotonic Over Temperature Range
the device. The device contains a power-down
Settling Time: 10
μs to ±0.006% Full-Scale
feature, accessed over the serial interface, that
Range (FSR)
reduces the current consumption of the device to
1.3
μA at 5V. Power consumption is 2.6mW at 3V,
Low-Power Serial Interface with
reducing to 1.4
μW in power-down mode. The low
Schmitt-Triggered Inputs: Up to 50MHz
power consumption, internal reference, and small
On-Chip Output Buffer Amplifier with
footprint
make
this
device
ideal
for
portable,
Rail-to-Rail Operation
battery-operated equipment.
1.8V to 5.5V Logic Compatibility
The DAC8165 is drop-in and functionally compatible
Temperature Range:
–40°C to +105°C
with the DAC7565 and DAC8565, and functionally
compatible
with
the
DAC7564,
DAC8164
and
APPLICATIONS
DAC8564. All these devices are available in a
TSSOP-16 package.
Portable Instrumentation
Closed-Loop Servo-Control
Process Control, PLCs
Data Acquisition Systems
Programmable Attenuation
PC Peripherals
RELATED
DEVICES
16-BIT
14-BIT
12-BIT
Pin and
Functionally
DAC8565
DAC8165
DAC7565
Compatible
Functionally
DAC8564
DAC8164
DAC7564
Compatible
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI, QSPI are trademarks of Motorola, Inc.
3
Microwire is a trademark of National Semiconductor.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2008–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC8564

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8564 TI-DAC8564 Datasheet
1Mb / 46P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564 Datasheet
1Mb / 46P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI1-DAC8564 Datasheet
1Mb / 51P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DAC8564 TI1-DAC8564 Datasheet
750Kb / 47P
14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppmC Internal Reference
DAC8564 TI2-DAC8564 Datasheet
923Kb / 51P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/°C Internal Reference
REVISED MARCH 2011
More results

Similar Description - DAC8564

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8560 BURR-BROWN-DAC8560 Datasheet
995Kb / 29P
16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
logo
Texas Instruments
DAC8565 TI-DAC8565 Datasheet
1Mb / 46P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564 Datasheet
1Mb / 46P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7564 TI-DAC7564 Datasheet
1Mb / 46P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7565 TI-DAC7565 Datasheet
1Mb / 46P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8164 TI-DAC8164 Datasheet
1Mb / 47P
14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC8560 TI-DAC8560_15 Datasheet
1Mb / 33P
16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564_15 Datasheet
1Mb / 51P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8165 TI1-DAC8165_15 Datasheet
750Kb / 47P
14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppmC Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com