Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564 Datasheet(PDF) 27 Page - Texas Instruments

Part # DAC8564
Description  14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/°C Internal Reference
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8564 Datasheet(HTML) 27 Page - Texas Instruments

Back Button DAC8564 Datasheet HTML 23Page - Texas Instruments DAC8564 Datasheet HTML 24Page - Texas Instruments DAC8564 Datasheet HTML 25Page - Texas Instruments DAC8564 Datasheet HTML 26Page - Texas Instruments DAC8564 Datasheet HTML 27Page - Texas Instruments DAC8564 Datasheet HTML 28Page - Texas Instruments DAC8564 Datasheet HTML 29Page - Texas Instruments DAC8564 Datasheet HTML 30Page - Texas Instruments DAC8564 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
DAC8165
www.ti.com
SBAS409B
– FEBRUARY 2008 – REVISED MARCH 2011
SERIAL INTERFACE
be kept LOW or brought HIGH. In either case, the
minimum delay time from the 24th falling SCLK edge
The DAC8165 has a 3-wire serial interface (SYNC,
to the next falling SYNC edge must be met in order to
SCLK, and DIN) compatible with SPI, QSPI, and
properly begin the next cycle. To assure the lowest
Microwire interface standards, as well as most DSPs.
power consumption of the device, care should be
See the Serial Write Operation timing diagram for an
taken that the levels are as close to each rail as
example of a typical write sequence.
possible. Refer to the Typical Characteristics section
for Figure 36, Figure 57, and Figure 79 (Supply
The DAC8165 input shift register is 24 bits wide,
Current vs Logic Input Voltage).
consisting of eight control bits (DB23 to DB16) and 14
data bits (DB15 to DB2). Bits DB0 and DB1 are
ignored by the DAC and should be treated as don't
IOVDD AND VOLTAGE TRANSLATORS
care bits. All 24 bits of data are loaded into the DAC
The IOVDD pin powers the the digital input structures
under the control of the serial clock input, SCLK.
of the DAC8165. For single-supply operation, it can
DB23 (MSB) is the first bit that is loaded into the DAC
be tied to AVDD. For dual-supply operation, the IOVDD
shift register, and is followed by the rest of the 24-bit
pin provides interface flexibility with various CMOS
word pattern, left-aligned. This configuration means
logic families and should be connected to the logic
that the first 24 bits of data are latched into the shift
supply of the system. Analog circuits and internal
register and any further clocking of data is ignored.
logic of the DAC8165 use AVDD as the supply
The DAC8165 receives all 24 bits of data and
voltage. The external logic high inputs translate to
decodes the first eight bits to determine the DAC
AVDD by level shifters. These level shifters use the
operating/control mode. The 14 bits of data that
IOVDD voltage as a reference to shift the incoming
follow are decoded by the DAC to determine the
logic HIGH levels to AVDD. IOVDD is ensured to
equivalent analog output, while the last two bits (DB1
operate from 2.7V to 5.5V regardless of the AVDD
and DB0) are ignored. The data format is straight
voltage, assuring compatibility with various logic
binary with all '0's corresponding to 0V output and all
families. Although specified down to 2.7V, IOVDD
'1's corresponding to full-scale output (that is, VREF –
operates at as low as 1.8V with degraded timing and
1 LSB); see the Data Format section for more details.
temperature
performance.
For
lowest
power
For all documentation purposes, the data format and
consumption, logic VIH levels should be as close as
representation here is a true 14-bit pattern (that is,
possible to IOVDD, and logic VIL levels should be as
3FFFh for full-scale), even if the usable 14 bits of
close as possible to GND voltages.
data are extracted from a left-justified 16-bit data
format that the DAC8165 requires.
ASYNCHRONOUS RESET
The write sequence begins by bringing the SYNC line
The DAC8165 output is asynchronously set to
low. Data from the DIN line are clocked into the 24-bit
zero-scale voltage or mid-scale voltage (depending
shift register on each falling edge of SCLK. The serial
on RSTSEL) immediately after the RST pin is brought
clock frequency can be as high as 50MHz, making
low. The RST signal resets all internal registers, and
the DAC8165 compatible with high-speed DSPs. On
therefore, behaves like the Power-On Reset. The
the 24th falling edge of the serial clock, the last data
RST pin must be brought back to high before a write
bit is clocked into the shift register and the shift
sequence starts. If the RSTSEL pin is high, the RST
register locks. Further clocking does not change the
signal going low resets all outputs to mid-scale. If the
shift register data. After 24 bits are locked into the
RSTSEL pin is low, the RST signal going low resets
shift register, the eight MSBs are used as control bits
all outputs to zero-scale. RSTSEL should be set at
and the following 14 LSBs are used as data. After
power-up.
receiving the 24th falling clock edge, the DAC8165
decodes the eight control bits and 14 data bits to
INPUT SHIFT REGISTER
perform the required function, without waiting for a
SYNC rising edge. A new write sequence starts at the
The input shift register (SR) of the DAC8165 is 24
next falling edge of SYNC. A rising edge of SYNC
bits wide, as shown in Table 5, and consists of eight
before the 24-bit sequence is complete resets the SPI
control bits (DB23 to DB16), 12 data bits (DB15 to
interface; no data transfer occurs. After the 24th
DB4), and four don't care bits. DB23 and DB22
falling edge of SCLK is received, the SYNC line may
should always be '0'.
Table 5. Data Input Register Format
DB23
DB12
A1
A0
LD1
LD0
0
DAC Select 1
DAC Select 0
PD0
D13
D12
D11
D10
DB11
DB0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): DAC8165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com