Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3X Datasheet(PDF) 40 Page - Omron Electronics LLC

Part # E3X
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X Datasheet(HTML) 40 Page - Omron Electronics LLC

Back Button E3X Datasheet HTML 36Page - Omron Electronics LLC E3X Datasheet HTML 37Page - Omron Electronics LLC E3X Datasheet HTML 38Page - Omron Electronics LLC E3X Datasheet HTML 39Page - Omron Electronics LLC E3X Datasheet HTML 40Page - Omron Electronics LLC E3X Datasheet HTML 41Page - Omron Electronics LLC E3X Datasheet HTML 42Page - Omron Electronics LLC E3X Datasheet HTML 43Page - Omron Electronics LLC E3X Datasheet HTML 44Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
E3X
E3X
4
Locate the head
in zone B and turn the
hysteresis adjuster counterclockwise slowly
and make sure
that the light reception
indicator
is lit.
When the
head is located in zone B,
light reception indicator
is lit.
Set both the sensitivity
adjuster and hysteresis
adjuster to maximum.
Decide the position of
the fiber head and that
of the sensing object in
zone A.
Locate the head in zone
A and turn the sensitivity
adjuster counterclock-
wise slowly until the
stable operation indicator
and light reception indi-
cator are OFF (i.e., posi-
tion E as shown in the il-
lustration).
Sensing is possible.
Set the hysteresis adjust-
er to the point where the
light reception indicator is
lit (i.e., position E as
shown in the illustration).
The light reception indicator
is lit when the head is located in zone B and
the light reception indicator is OFF when the
head is located in zone A.
Set the hysteresis adjust-
er to maximum.
Locate the head in zone A
and turn the sensitivity ad-
juster clockwise until the
stable operation indicator
and light reception indica-
tor are OFF (i.e., position
F as shown in the illustra-
tion).
Locate the head in zone
A and turn the sensitivity
adjuster counterclock-
wise until the light recep-
tion indicator and stable
operation indicator are
OFF (i.e., position O as
shown in the illustration).
SL
S
L
NO
YES
SL
YES
S
L
NO
S
L
NO
SL
YES
1
2
min
max
min
max
min
min
max
(H)
min
max
min
max
(G)
(F)
SENS
1
2
min
max
(G)
(E)
SENS
1
2
min
max
B
A
Hysteresis
differential
adjuster
SENS
Sensitivity
adjuster
SENS
1
2
(E)
max
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com