Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3X Datasheet(PDF) 45 Page - Omron Electronics LLC

Part # E3X
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X Datasheet(HTML) 45 Page - Omron Electronics LLC

Back Button E3X Datasheet HTML 41Page - Omron Electronics LLC E3X Datasheet HTML 42Page - Omron Electronics LLC E3X Datasheet HTML 43Page - Omron Electronics LLC E3X Datasheet HTML 44Page - Omron Electronics LLC E3X Datasheet HTML 45Page - Omron Electronics LLC E3X Datasheet HTML 46Page - Omron Electronics LLC E3X Datasheet HTML 47Page - Omron Electronics LLC E3X Datasheet HTML 48Page - Omron Electronics LLC E3X Datasheet HTML 49Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
E3X
E3X
2
E32-T21
E32-TC200C
E32-TC200D
E32-TC200D4
1.0 dia.
Sensing head
M2.6 x 0.45
Two toothed washers
Two hexagon clamping nuts
M4x0.7 (nickel-
plated brass)
Optical fiber,
2.2 dia.
2,000 (when straight)
11
3
2.4
1.0 dia.
3.2
7
Stainless
tube
(SUS304)
Two toothed washers
Two hexagon clamping nuts
Sensing head M4 x
0.7 (nickel-plated
brass)
Optical fiber,
2.2 dia.
22 dia.
2,000 (when straight)
90
11
2.4
1.2
dia.
max.
90 (40) (see note)
E32-T14L
E32-T24
E32-T14
8.2
R3.5
Optical axis
Two, 3.2 dia.
Optical fiber, 2.2 dia.
11.2
2.5
8
7
10.5
7
10+0.2
19
10-mm dia.
lens (PMMA)
Sensing head
(ABS) M14 x 1
Two hexagon clamping nuts
Optical fiber, 2.2 dia.
5
10,000
E32-T17L
E32-T12F
4-mm
dia. lens
Sensing head, 5 dia.
Fluoride resin
4 dia.
Optical fiber, 2.2 dia.
2,000
9.2
10
2,000
15
2.5
5.5
Four, 0.25 dia.
1.8
Optical fiber, 1 dia.
Fiber attachment (E39-F9)
Two toothed washers
Two hexagon clamping nuts
Protective tube
Sensing head (nickel-plated brass) M3 x 0.5
10
2,000
15
1
0.5
Sensing head 1 dia.
SUS304
2 dia.
1.4 dia.
15
1.5
Optical fiber, 1 dia.
Protective tube
45%
Fiber attachment (E39-F9)
Lens unit (PMMA)
4.4 dia.
Heat resistive ABS
30
35
12
1.5
1
1.5
3dia
2.8
2,000
Sensing head, 3 dia.
(stainless)
45
°
Heat-shrinking
tubing
Optical fiber,
2.2 dia.
Sensing surface
Note:
The value in the
parentheses is for
the E32-TC200D4.
11
25
22 dia.
90
7
(75)
400
(75)
400
25
12
35
16
2,000
23
42
100
20
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com