Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3X Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3X
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3X Datasheet HTML 2Page - Omron Electronics LLC E3X Datasheet HTML 3Page - Omron Electronics LLC E3X Datasheet HTML 4Page - Omron Electronics LLC E3X Datasheet HTML 5Page - Omron Electronics LLC E3X Datasheet HTML 6Page - Omron Electronics LLC E3X Datasheet HTML 7Page - Omron Electronics LLC E3X Datasheet HTML 8Page - Omron Electronics LLC E3X Datasheet HTML 9Page - Omron Electronics LLC E3X Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
E3X
E3X
6
E32-T16 with Slits
Slit width
0.5-mm
1.0-mm
Sensing method
With
Sensing distance
450 mm
800 mm
E3X-T
jj
Min. sensing object
0.2-mm dia.
0.3-mm dia.
With
Sensing distance
900 mm
1,200 mm
E3X-H11
Min. sensing object
0.2-mm dia.
0.4-mm dia.
With
Sensing distance
450 mm
600 mm
E3X-A
jj
Min. sensing object
0.25-mm dia.
0.35-mm dia.
With
Sensing distance
120 mm
250 mm
E3X-F
jj
Min. sensing object
0.25-mm dia.
0.35-mm dia.
With
Sensing distance
20 mm
60 mm
E3X-VG
jj Min. sensing object
0.25-mm dia.
0.35-mm dia.
Reflective Sensors
Model
Appearance
Sensing distance (standard object)
(T: E3X-T
jj; H: E3X-H11; A: E3X-Ajj;
F: E3X-F
jj; V: E3X-VGjj)
Min. sensing object
(copper wire)
Features
White paper
Black paper
E32-D11L
M6 screw
T: 150 mm (20 x 20 cm)
H: 200 mm (20 x 20 cm)
A: 100 mm (10 x 10 cm)
F: 45 mm (5 x 5 cm)
V: 10 mm (2.5 x 2.5 cm)
T: 40 mm (20 x 20 cm)
H: 60 mm (20 x 20 cm)
A: 30 mm (10 x 10 cm)
F: 8 mm (5 x 5 cm)
V: ---
T: 0.015-mm dia.
H: 0.015-mm dia.
A: 0.015-mm dia.
F: 0.2-mm dia.
V: 3.0-mm dia.
Long distance
E32-D12
3 mm dia.
T: 80 mm (10 x 10 cm)
H: 120 mm (20 x 20 cm)
A: 60 mm (10 x 10 cm)
F: 15 mm (2.5 x 2.5 cm)
V: 2 mm (2.5 x 2.5 cm)
T: 20 mm (10 x 10 cm)
H: 32 mm (20 x 20 cm)
A: 16 mm (10 x 10 cm)
F: 3 mm (2.5 x 2.5 cm)
V: ---
T: 0.015-mm dia.
H: 0.015-mm dia.
A: 0.04-mm dia.
F: 2.4-mm dia.
V: 1.6-mm dia.
Long distance
E32-D21L
M4 screw
T: 35 mm (5 x 5 cm)
H: 50 mm (5 x 5 cm)
A: 25 mm (2.5 x 2.5 cm)
F: 11 mm (2.5 x 2.5 cm)
V: 1 mm (2.5 x 2.5 cm)
T: 9 mm (5 x 5 cm)
H: 14 mm (5 x 5 cm)
A: 7 mm (2.5 x 2.5 cm)
F: 2 mm (2.5 x 2.5 cm)
V: ---
T: 0.015-mm dia.
H: 0.015-mm dia.
A: 0.03-mm dia.
F: 0.26-mm dia.
V: 1.0-mm dia.
Long distance
E32-D22L
3 mm dia.
T: 35 mm (5 x 5 cm)
H: 50 mm (5 x 5 cm)
A: 25 mm (2.5 x 2.5 cm)
F: 11 mm (2.5 x 2.5 cm)
V: 1 mm (2.5 x 2.5 cm)
T: 9 mm (5 x 5 cm)
H: 14 mm (5 x 5 cm)
A: 7 mm (2.5 x 2.5 cm)
F: 2 mm (2.5 x 2.5 cm)
V: ---
T: 0.015-mm dia.
H: 0.015-mm dia.
A: 0.03-mm dia.
F: 0.26-mm dia.
V: 1.0-mm dia.
Long distance
E32-DC200
M6 screw
T: 100 mm (10 x 10 cm)
H: 150 mm (20 x 20 cm)
A: 75 mm (10 x 10 cm)
F: 33 mm (5 x 5 cm)
V: 10 mm (2.5 x 2.5 cm)
T: 20 mm (10 x 10 cm)
H: 30 mm (20 x 20 cm)
A: 15 mm (10 x 10 cm)
F: 5 mm (5 x 5 cm)
V: ---
T: 0.015-mm dia.
H: 0.015-mm dia.
A: 0.015-mm dia.
F: 0.015-mm dia.
V: 0.2-mm dia.
General-purpose
E32-DC200B
E32-DC200B4
M6 screw
T: 100 mm (10 x 10 cm)
H: 150 mm (20 x 20 cm)
A: 75 mm (10 x 10 cm)
F: 33 mm (5 x 5 cm)
V: 10 mm (2.5 x 2.5 cm)
T: 20 mm (10 x 10 cm)
H: 30 mm (20 x 20 cm)
A: 15 mm (10 x 10 cm)
F: 5 mm (5 x 5 cm)
V: ---
T: 0.015-mm dia.
H: 0.015-mm dia.
A: 0.03-mm dia.
F: 0.03-mm dia.
V: 1.0-mm dia.
General-purpose
E32-DC200E
M3 screw
T: 20 mm (2.5 x 2.5 cm)
H: 36 mm (5 x 5 cm)
A: 18 mm (2.5 x 2.5 cm)
F: 8 mm (2.5 x 2.5 cm)
V: 2 mm (2.5 x 2.5 cm)
T: 4.8 mm (2.5 x 2.5 cm)
H: 7.2 mm (5 x 5 cm)
A: 3.6 mm (2.5 x 2.5 cm)
F: 1.5 mm (2.5 x 2.5 cm)
V: ---
T: 0.015-mm dia.
H: 0.015-mm dia.
A: 0.03-mm dia.
F: 0.03-mm dia.
V: 1.0-mm dia.
General-purpose
E32-DC200F
E32-DC200F4
M3 screw
T: 20 mm (2.5 x 2.5 cm)
H: 36 mm (5 x 5 cm)
A: 18 mm (2.5 x 2.5 cm)
F: 8 mm (2.5 x 2.5 cm)
V: 2 mm (2.5 x 2.5 cm)
T: 4.8 mm (2.5 x 2.5 cm)
H: 7.2 mm (5 x 5 cm)
A: 3.6 mm (2.5 x 2.5 cm)
F: 1.5 mm (2.5 x 2.5 cm)
V: ---
T: 0.015-mm dia.
H: 0.015-mm dia.
A: 0.03-mm dia.
F: 0.03-mm dia.
V: 1.0-mm dia.
General-purpose
E32-D11
M6 screw
T: 60 mm (10 x 10 cm)
H: 90 mm (10 x 10 cm)
A: 45 mm (5 x 5 cm)
F 20 mm (2.5 x 2.5 cm)
V: 7 mm (2.5 x 2.5 cm)
T: 13 mm (10 x 10 cm)
H: 20 mm (10 x 10 cm)
A: 10 mm (5 x 5 cm)
F: 5 mm (2.5 x 2.5 cm)
V: ---
T: 0.015-mm dia.
H: 0.015-mm dia.
A: 0.03-mm dia.
F: 0.03-mm dia.
V: 0.5-mm dia.
Flexible (resists
breaking)
Sensing object
Slit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com