Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3X Datasheet(PDF) 49 Page - Omron Electronics LLC

Part # E3X
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X Datasheet(HTML) 49 Page - Omron Electronics LLC

Back Button E3X Datasheet HTML 45Page - Omron Electronics LLC E3X Datasheet HTML 46Page - Omron Electronics LLC E3X Datasheet HTML 47Page - Omron Electronics LLC E3X Datasheet HTML 48Page - Omron Electronics LLC E3X Datasheet HTML 49Page - Omron Electronics LLC E3X Datasheet HTML 50Page - Omron Electronics LLC E3X Datasheet HTML 51Page - Omron Electronics LLC E3X Datasheet HTML 52Page - Omron Electronics LLC E3X Datasheet HTML 53Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
E3X
E3X
6
E32-CC200
Note:
The fiber for the light source is identified by a white line.
1.0 dia. for light
emission
5.2
2.5 dia.
Two toothed washers
Two hexagon clamping nuts
Sensing head M6 x 0.75
(nickel-plated brass)
Optical fiber, two, 2.2 dia.
23
3
2.4
10
E32-D32
Note:
The fiber for the light source is identified by a white line.
E32-D32L
Light source fiber
(0.5 dia.)
Sensing head SUS303
Heat-shrinkable tubing
Optical fibers, two, 1 dia.
Two fiber attachments (E39-F9)
Receive fiber
(0.25 dia.) x 4
Sensing head, 3 dia. (stainless)
Branching box, 6 dia.
(heat-resistive ABS
black resin)
2 dia. 3 dia.
15
2,000
2
25
Light source (1 dia.)
Receive (0.265 dia.) x 16
15
15
Optical fibers, two, 2.2 dia.
Note:
The fiber for the light source is identified by a yellow dotted line.
E32-D14L
E32-D24
E32-D12F
5.7
6 dia.
45
°
Sensing head
(stainless)
Heat-shrinkable tubing
Optical fiber, two, 2.2 dia.
Sensing surface
Light baffle
2
12
Sensing head, 6 dia.
Fluoride resin
5 dia.
Optical fiber, two, 2.2 dia.
2,000
30
1.5
1
Light baffle
Sensing surface
Sensing head (SUS304)
45%
2 dia.
3 dia.
Heat-shrinkable tubing
Optical fibers, two, 1 dia.
Two fiber attachments (E39-F9)
15
1
0.5
1.5
35
10
Sixteen, 0.25 dia.
for light reception
2,000
10
12
22
2,000 (standard length)
400
1,570
35
2,000
25
12
15
2,000
16
100
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com