Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E32-R16
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 4Page - Omron Electronics LLC E32-R16 Datasheet HTML 5Page - Omron Electronics LLC E32-R16 Datasheet HTML 6Page - Omron Electronics LLC E32-R16 Datasheet HTML 7Page - Omron Electronics LLC E32-R16 Datasheet HTML 8Page - Omron Electronics LLC E32-R16 Datasheet HTML 9Page - Omron Electronics LLC E32-R16 Datasheet HTML 10Page - Omron Electronics LLC E32-R16 Datasheet HTML 11Page - Omron Electronics LLC E32-R16 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
E3X
E3X
8
Model
Appearance
Sensing distance (standard object)
(T: E3X-T
jj; H: E3X-H11; A: E3X-Ajj;
F: E3X-F
jj; V: E3X-VGjj)
Min. sensing object
(copper wire)
Features
White paper
Black paper
E32-D51
M6 screw
T: 60 mm (10 x 10 cm)
H: 120 mm (20 x 20 cm)
A: 60 mm (10 x 10 cm)
F: 26 mm (5 x 5 cm)
V: 5 mm (2.5 x 2.5 cm)
T: 12 mm (10 x 10 cm)
H: 24 mm (20 x 20 cm)
A: 12 mm (10 x 10 cm)
F: 5 mm (5 x 5 cm)
V: ---
T: 0.03-mm dia.
H: 0.03-mm dia.
A: 0.03-mm dia.
F: 0.03-mm dia.
V: 1.0-mm dia.
Heat-resistive;
resists 150
°C
E32-D61
M6 screw
**
T: 45 mm (5 x 5 cm)
H: 45 mm (5 x 5 cm)
A: 45 mm (5 x 5 cm)
F: 20 mm (2.5 x 2.5 cm)
V: 5 mm (2.5 x 2.5 cm)
T: 9 mm (5 x 5 cm)
H: 9 mm (5 x 5 cm)
A: 9 mm (5 x 5 cm)
F: 4 mm (2.5 x 2.5 cm)
V: ---
T: 0.03-mm dia.
H: 0.03-mm dia.
A: 0.03-mm dia.
F: 0.03-mm dia.
V: 1.0-mm dia.
Heat-resistive;
resists 300
°C
E32-D73
M4 screw 1.25-mm dia.
**
T: 30 mm (5 x 5 cm)
H: 30 mm (5 x 5 cm)
A: 30 mm (5 x 5 cm)
F: 17 mm (2.5 x 2.5 cm)
V: 3 mm (2.5 x 2.5 cm)
T: 6 mm (5 x 5 cm)
H: 6 mm (5 x 5 cm)
A: 6 mm (5 x 5 cm)
F: 3 mm (2.5 x 2.5 cm)
V: ---
T: 0.03-mm dia.
H: 0.03-mm dia.
A: 0.03-mm dia.
F: 0.2-mm dia.
V: 1.0-mm dia.
Heat-resistive;
resists 400
°C
E32-R21
/E39-R3
M6 screw
Reflector
E39-R3
T: 25 to 250 mm
(35-mm dia. min.)
H: 10 to 250 mm
(35-mm dia. min.)
A: 10 to 250 mm
(35-mm dia. min.)
F: 20 to 230 mm
(35-mm dia. min.)
V: ---
---
T: 0.6-mm dia.
H: 0.3-mm dia.
A: 0.3-mm dia.
F: 0.5-mm dia.
V: ---
Transparent
objects sensing
E32-R16
/E39-R1
Reflector
E39-R1
T: 150 to 1,500 mm
(35-mm dia. min.)
H: 150 to 1,500 mm
(35-mm dia. min.)
A: 150 to 1,500 mm
(35-mm dia. min.)
F: 50 to 700 mm
(35-mm dia. min.)
V: ---
---
T: 1.9-mm dia.
H: 0.6-mm dia.
A: 0.6-mm dia.
F: 0.6-mm dia.
V: ---
Transparent
objects sensing
E32-L25
T: 3.3 mm (2.5 x 2.5 cm)
H: 3.3 mm (2.5 x 2.5 cm)
A: 3.3 mm (2.5 x 2.5 cm)
F: 3.3 mm (2.5 x 2.5 cm)
V: ---
---
T: 0.015-mm dia.
H: 0.015-mm dia.
A: 0.03-mm dia.
F: 0.5-mm dia.
V: ---
Limited
reflective;
senses wafers
and small
difference in
height
E32-L25A
T: 3.3 mm (2.5 x 2.5 cm)
H: 3.3 mm (2.5 x 2.5 cm)
A: 3.3 mm (2.5 x 2.5 cm)
F: 3.3 mm (2.5 x 2.5 cm)
V: ---
---
T: 0.015-mm dia.
H: 0.015-mm dia.
A: 0.03-mm dia.
F: 0.5-mm dia.
V: ---
Limited
reflective;
senses wafers
and small
difference in
height
E32-L25L
H: 7.2
±1.8 mm
(2.5 x 2.5 cm)
A: 7.2
±1.8 mm
(2.5 x 2.5 cm)
F: 7.2
±1.0 mm
(2.5 x 2.5 cm)
---
H: 0.015-mm dia.
A: 0.015-mm dia.
F: 0.015-mm dia.
Limited
reflective, long
distance; senses
wafers and small
difference in
height
E32-L24L
H: 4
±2 mm
(2.5 x 2.5 cm)
A: 4
±2 mm
(2.5 x 2.5 cm)
F: 4
±2 mm
(2.5 x 2.5 cm)
---
H: 0.015-mm dia.
A: 0.015-mm dia.
F: 0.015-mm dia.
Limited
reflective, long
distance,
side-view;
senses wafers
and small
difference in
height
*Standard object: opaque
**Not trimmable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com