Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # E32-R16
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 10Page - Omron Electronics LLC E32-R16 Datasheet HTML 11Page - Omron Electronics LLC E32-R16 Datasheet HTML 12Page - Omron Electronics LLC E32-R16 Datasheet HTML 13Page - Omron Electronics LLC E32-R16 Datasheet HTML 14Page - Omron Electronics LLC E32-R16 Datasheet HTML 15Page - Omron Electronics LLC E32-R16 Datasheet HTML 16Page - Omron Electronics LLC E32-R16 Datasheet HTML 17Page - Omron Electronics LLC E32-R16 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
E3X
E3X
14
Attachments
Name
Small Spot Lens Unit
Long Distance Lens Unit
Applications
Sensing over
0.5-mm-dia. spots
Increasing sensing distance
Model
E39-F3A
E39-F1
Appearance
Reflective
Through-beam
(separate)
Applicable fibers
E32-D32
E32-T11L
E32-TC200
E32-T61
E32-T11
E32-TC200C
With
Sensing distance
20 mm
1,200 mm
2,000 mm
1,300 mm
800 mm
E3X-T
jj
Standard object
White paper 2.5 x 2.5 cm
Opaque objects: 4-mm dia. min.
With
Sensing distance
20 mm
2,000 mm
3,000 mm
2,000 mm
1,600 mm
E3X-H11
Standard object
White paper 2.5 x 2.5 cm
Opaque objects: 4-mm dia. min.
With
Sensing distance
20 mm
1,000 mm
1,500 mm
1,000 mm
800 mm
E3X-A
jj
Standard object
White paper 2.5 x 2.5 cm
Opaque objects: 4-mm dia. min.
With
Sensing distance
16 mm
550 mm
670 mm*
400 mm
350 mm
E3X-F
jj
Standard object
White paper 2.5 x 2.5 cm
Opaque objects: 4-mm dia. min.
With
Sensing distance
---
120 mm
190 mm**
120 mm
100 mm
E3X-VG
jj
Standard object
---
Opaque objects: 4-mm dia. min.
Directivity
---
5
° to 40°
Differential travel
20% of sensing distance
---
Ambient temperature
Operating: –40
°C to
70
°C
Operating: –40
°C to 200°C (Do not exceed the operating
temperature of the fiber.)
Material
Shaft
Aluminum
Brass
Lens
Optical glass
Base
---
Reflector
---
*E32-T6: 450 mm.
**E32-T6: 130 mm.
Name
Side-view Unit
Applications
Changing the sensing direction at
°90
Model
E39-F2
Appearance
Through-beam
(separate)
Applicable fibers
E32-T11L
E32-TC200
E32-T61/11
E32-TC200C
With
Sensing distance
250 mm
250 mm
200 mm
100 mm
E3X-T
jj
Standard object
Opaque objects: 3-mm dia. min.
With
Sensing distance
400 mm
500 mm
400 mm
200 mm
E3X-H11
Standard object
Opaque objects: 3-mm dia. min.
With
Sensing distance
200 mm
250 mm
200 mm
100 mm
E3X-A
jj
Standard object
Opaque objects: 3-mm dia. min.
With
Sensing distance
60 mm
100 mm
60 mm
30 mm
E3X-F
jj
Standard object
Opaque objects: 3-mm dia. min.
With
Sensing distance
10 mm
19 mm
10 mm
6 mm
E3X-VG
jj
Standard object
Opaque objects:
4-mm dia. min.
Opaque objects: 3-mm dia. min.
Directivity
20
° to 60°
Differential travel
---
Ambient temperature
Operating: –40
°C to 200°C (Do not exceed the operating temperature of the fiber.)
Material
Shaft
Brass
Lens
Optical glass
Base
---
Reflector
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com