Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 46 Page - Omron Electronics LLC

Part # E32-R16
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 46 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 42Page - Omron Electronics LLC E32-R16 Datasheet HTML 43Page - Omron Electronics LLC E32-R16 Datasheet HTML 44Page - Omron Electronics LLC E32-R16 Datasheet HTML 45Page - Omron Electronics LLC E32-R16 Datasheet HTML 46Page - Omron Electronics LLC E32-R16 Datasheet HTML 47Page - Omron Electronics LLC E32-R16 Datasheet HTML 48Page - Omron Electronics LLC E32-R16 Datasheet HTML 49Page - Omron Electronics LLC E32-R16 Datasheet HTML 50Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
E3X
E3X
3
E32-M21
E32-T51
E32-T61
Note:
Section A resists 300
°C and section B (which is inserted to the Amplifier) resists 110°C.
The operating temperature of section B must also be within the withstand temperature
range of the Amplifier.
Two toothed washers
Two hexagon clamping nuts
Sensing head M4 x 0.7 (nickel-plated brass)
Optical fiber, 2.2 dia.
17
2.4
1
2.85 dia.
7
1.5 dia.
Sensing head
M3 x 0.35
(SUS303)
Two hexagon clamping nuts
Two toothed washers
Silicone tube
Plastic fibers, four, 1 dia.
Sleeve
Note:
One set of silicone tubes is black while the other
set is gray for easy identification when they are
connected to the light source and receiver.
1.8
23
28
7
2.4
A
(See note)
13
5
28
3
10
4 dia.
4 dia. 5 dia.
2.8 dia.
Sleeve
M2.6 x 0.45
SUS flexible tube
Hexagon clamping screw
1.0 dia.
Two hexagon clamping nuts
Two toothed washers
Sensing head M4 x 0.7
(SUS303)
Note:
Resistant temperature is 150
°C.
Resistant temperature is 130
°C
when used continuously.
11
2,000
13
15
2,000
20
2,000
B
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com