Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 60 Page - Omron Electronics LLC

Part # E32-R16
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 60 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 56Page - Omron Electronics LLC E32-R16 Datasheet HTML 57Page - Omron Electronics LLC E32-R16 Datasheet HTML 58Page - Omron Electronics LLC E32-R16 Datasheet HTML 59Page - Omron Electronics LLC E32-R16 Datasheet HTML 60Page - Omron Electronics LLC E32-R16 Datasheet HTML 61Page - Omron Electronics LLC E32-R16 Datasheet HTML 62Page - Omron Electronics LLC E32-R16 Datasheet HTML 63Page - Omron Electronics LLC E32-R16 Datasheet HTML 64Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
E3X
E3X
17
Precautions
Fiber Units
Tightening Force
The tightening force applied to the Fiber Unit should be as follows:
Screw-mounting Model
Column Model
Spring mounting clip
Toothed washers
Nuts
(attachment)
Retaining screw
(M 3 max.)
Clamping torque
3 kgf
S cm max.
Fiber units
Clamping torque
M3/M4 screw
8 kgf
S cm max. (0.78 N S m)
M6 screw
10 kgf
S cm max. (0.98 N S m)
2-mm dia. column
3 kgf
S cm max. (0.29 N S m)
3-mm dia. column
3 kgf
S cm max. (0.29 N S m)
E32-D14L
10 kgf
S cm max. (0.98 N S m)
E32-T12F
8 kgf
S cm max. (0.78 N S m)
E32-D12F
8 kgf
S cm max. (0.78 N S m)
E32-T16
5 kgf
S cm max. (0.49 N S m)
E32-R21
6 kgf
S cm max. (0.59 N S m)
E32-M21
Up to 5 mm to the tip: 5 kgf
S cm max.
(0.49 N
S m)
Up to 5 mm from the tip: 8 kgf
S cm max.
(0.78 N
S m)
E32-L25A
8 kgf
S cm max. (0.78 N S m)
Use a proper-sized wrench.
Fiber Connection and Disconnection
The E3X Amplifier has a push lock. Connect or disconnect the fibers
to or from the E3X Amplifier using the following procedures:
1. Connection
Insert the fibers into the E3X Amplifier and press the push lock until
the Amplifier clicks to lock the fibers. The fibers will have insertion
marks when they are cut with the E39-F4 (Fiber Cutter). The portion
from the tips to the insertion mark should be inserted to the E3X.
2. Disconnection
Be sure to press the push lock again to unlock before pulling out the
fiber, otherwise the fiber may be deteriorated.
Fiber Insertion
If the portion from the tip to the insertion mark of the fibers are not
inserted into the Amplifier Unit, the sensing distance will be re-
duced.
2.2-mm dia. Fiber
Thin Fiber with the E39-F4 Attachment
Fiber with Fixed Length
Amplifier
Fiber unit
12.6 mm
Insertion mark
Amplifier
Fiber unit
Amplifier
12.6 mm
12.6 mm
The portion from the
tips to the insertion
mark should be in-
serted into the E3X.
The portion from the
tips to the insertion
mark should be in-
serted into the E3X.
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com