Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7332MME/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM7332MME/NOPB
Description  LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7332MME/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM7332MME/NOPB Datasheet HTML 9Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 10Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 11Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 12Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 13Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 14Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 15Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 16Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
-20
0
20
40
60
140
1k
10k
100k
1M
10M
FREQUENCY (Hz)
80
100
120
100M
VS = 30V
CL = 20 pF
PHASE
GAIN
10 k:
0
23
45
68
90
113
135
-23
158
10 M:
1 M:
100 k:
10 k:
100 k: 1 M: 10 M:
-20
0
20
40
60
140
1k
10k
100k
1M
10M
FREQUENCY (Hz)
80
100
120
100M
RL = 1 M:
CL = 20 pF
PHASE
GAIN
0
23
45
68
90
113
135
-23
158
VS = 30V
VS = 10V
VS = 5V
-20
0
20
40
60
140
1k
10k
100k
1M
10M
FREQUENCY (Hz)
80
100
120
100M
VS = 10V
RL = 10 M:
PHASE
GAIN
20 pF
200 pF
100 pF
50 pF
0
23
45
68
90
113
135
-23
158
-20
0
20
40
60
140
1k
10k
100k
1M
10M
FREQUENCY (Hz)
80
100
120
100M
VS = 30V
RL = 10 M:
PHASE
GAIN
20 pF
200 pF
100 pF
50 pF
0
23
45
68
90
113
135
-23
158
-20
0
20
40
60
140
1k
10k
100k
1M
10M
FREQUENCY (Hz)
80
100
120
100M
VS = 5V
RL = 10 M:
PHASE
GAIN
20 pF
200 pF
100 pF
50 pF
-23
0
23
45
68
158
90
113
135
0
3
10
15
20
25
30
VS (V)
0
5
10
15
20
25
35
125°C
-40°C
25°C
85°C
RL = 10 k:
LM7332
www.ti.com
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
Typical Characteristics (continued)
Unless otherwise specified, TA = 25°C.
Figure 25. Negative Output Swing vs Supply Voltage
Figure 26. Open-Loop Frequency Response With
Various Capacitive Loads
Figure 27. Open-Loop Frequency Response With
Figure 28. Open-Loop Frequency Response With
Various Capacitive Loads
Various Capacitive Loads
Figure 30. Open-Loop Frequency Response vs
Figure 29. Open-Loop Frequency Response vs
With Various Supply Voltages
With Various Resistive Loads
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM7332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com