Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7332MME/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM7332MME/NOPB
Description  LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7332MME/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM7332MME/NOPB Datasheet HTML 1Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 2Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 3Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 4Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 5Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 6Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 7Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 8Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
LM7332
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
See
(1) (2)
MIN
MAX
UNIT
VIN differential
±10
V
Output short-circuit duration
See (3)(4)
Supply voltage (VS = V
+ – V−)
35
V
Voltage at input/output pins
V+ + 0.3
V−
− 0.3
V
Junction temperature(5)
150
°C
Infrared or convection (20 sec.)
235
°C
Soldering information
Wave soldering (10 sec.)
260
°C
Storage temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, contact the TI Sales Office/Distributors for availability and specifications.
(3)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C.
(4)
Short-circuit test is a momentary test. Output short circuit duration is infinite for VS ≤ 6 V at room temperature and below. For VS > 6 V,
allowable short circuit duration is 1.5 ms.
(5)
The maximum power dissipation is a function of TJ(MAX), RθJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA) / RθJA. All numbers apply for packages soldered directly onto a PC board.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V(ESD)
Electrostatic discharge
V
Machine model (MM)
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
Supply voltage (VS = V
+ – V−)
2.5
32
V
Temperature range(1)
−40
125
°C
(1)
The maximum power dissipation is a function of TJ(MAX), RθJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA) / RθJA. All numbers apply for packages soldered directly onto a PCB.
6.4 Thermal Information
LM7332
THERMAL METRIC(1)
DGK (VSSOP)
D (SOIC)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance (2)
161.1
109.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
55
55.8
°C/W
RθJB
Junction-to-board thermal resistance
80.5
49.2
°C/W
ψJT
Junction-to-top characterization parameter
5.5
10.7
°C/W
ψJB
Junction-to-board characterization parameter
79.2
48.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
The maximum power dissipation is a function of TJ(MAX), RθJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA) / RθJA. All numbers apply for packages soldered directly onto a PCB.
4
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: LM7332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com