Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7332MME/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM7332MME/NOPB
Description  LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7332MME/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM7332MME/NOPB Datasheet HTML 1Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 2Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 3Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 4Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 5Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 6Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 7Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 8Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
OUT B
1
2
3
4
5
6
7
8
OUT A
IN- A
IN+ A
V
-
V
+
IN- B
IN+ B
-
A
B
OUT B
1
2
3
4
5
6
7
8
OUT A
IN- A
IN+ A
V
-
V
+
IN- B
IN+ B
-
A
B
LM7332
www.ti.com
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
5 Pin Configuration and Functions
DGK Package
8-Pin VSSOP
Top View
D Package
8-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
IN+ A
3
I
Noninverting Input for Amplifier A
IN– A
2
I
Inverting Input for Amplifier A
IN+ B
5
I
Noninverting Input for Amplifier B
IN– B
6
I
Inverting Input for Amplifier AB
OUT A
1
O
Output for Amplifier A
OUT B
7
O
Output for Amplifier B
V+
8
P
Positive Supply
V–
4
P
Negative Supply
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM7332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com