Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7332MME/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LM7332MME/NOPB
Description  LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7332MME/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM7332MME/NOPB Datasheet HTML 20Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 21Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 22Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 23Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 24Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 25Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 26Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 27Page - Texas Instruments LM7332MME/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
PD(MAX) =
150°C ± 125°C
109.1°C/W
= 0.23W
PD(MAX) =
150°C ± 125°C
161.1°C/W
= 0.16W
PD(MAX) =
150°C ± 25°C
109.1°C/W
= 1.15W
PD(MAX) =
150°C ± 25°C
161.1°C/W
= 0.78W
PD(MAX) =
TJ(MAX) - TA
R
TJA
LM7332
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
www.ti.com
Output Short Circuit Current and Dissipation Issues (continued)
The operational amplifier quiescent power dissipation is calculated by Equation 6:
PQ = IS × VS
where
•
IS: Supply Current
•
VS: Total Supply Voltage (V
+ − V−)
(6)
The DC load power is calculated by Equation 7:
PDC = IO × (Vr – Vo)
where
•
VO: Average Output Voltage
•
Vr: V
+ for sourcing and V− for sinking current
(7)
The AC load power is calculated as PAC = the value shown in Table 1.
Table 1 shows the maximum AC component of the load power dissipated by the operational amplifier for
standard sinusoidal, triangular, and square waveforms:
Table 1. Normalized AC Power Dissipated in the Output Stage for Standard
Waveforms
PAC (W.Ω/V
2)
SINUSOIDAL
TRIANGULAR
SQUARE
50.7 x 10−3
46.9 x 10−3
62.5 x 10−3
The table entries are normalized to VS
2/R
L. To figure out the AC load current component of power dissipation,
simply multiply the table entry corresponding to the output waveform by the factor VS
2/R
L. For example, with ±12-
V supplies, a 600-
Ω load, and triangular waveform power dissipation in the output stage is calculated as:
PAC = (46.9 × 10
−3) × [242/600] = 45.0 mW
(8)
The maximum power dissipation allowed at a certain temperature is a function of maximum die junction
temperature (TJ(MAX)) allowed, ambient temperature TA, and package thermal resistance from junction to ambient,
RθJA.
(9)
For the LM7332, the maximum junction temperature allowed is 150°C at which no power dissipation is allowed.
The power capability at 25°C is given by Equation 10 and Equation 11.
For VSSOP package:
(10)
For SOIC package:
(11)
Similarly, the power capability at 125°C is given by Equation 12 and Equation 13.
For VSSOP package:
(12)
For SOIC package:
(13)
24
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: LM7332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com