Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVS20 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AVS20
Description  AUTOMATIC VOLTAGE SWITCH SMPS < 300W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AVS20 Datasheet(HTML) 2 Page - STMicroelectronics

  AVS20 Datasheet HTML 1Page - STMicroelectronics AVS20 Datasheet HTML 2Page - STMicroelectronics AVS20 Datasheet HTML 3Page - STMicroelectronics AVS20 Datasheet HTML 4Page - STMicroelectronics AVS20 Datasheet HTML 5Page - STMicroelectronics AVS20 Datasheet HTML 6Page - STMicroelectronics AVS20 Datasheet HTML 7Page - STMicroelectronics AVS20 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RESET
PARASITIC
FILTER
LATCHED
MODE
CONTROL
MAINS
MODE
CONTROLLER
TRIAC
TRIGGERING
WINDOW
CLOCK
10
PARASITIC
FILTER
PARASITIC
FILTER
0.05
0.25
4.25
8
2
3
SUPPLY
RST
4
1
7
5
PEAK LINE VOLTAGE DETECTOR
CROSSING DETECTOR
R
CK
R
R
CK
CK
2
1
3
V
G
G
A1
A2
4
V
M
V
DD
V
SS
V
DD
MODE
OSC/IN
OSC/OUT
AVS2ACP08
AVS100CB
AVS10CB
AVS10CBI
or
AVS20-02.EPS
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
CONTROLLER AVS2ACP08
Symbol
Parameter
Min.
Max.
Unit
VSS
Supply voltage
- 12
0.5
V
VI /VO
I / O voltage
VSS - 0.5
0.5
V
II /IO
I / O current
- 40
+ 40
mA
Tstg
Storage Temperature
- 60
+ 150
°C
Toper
Operating Temperature code
“ C ”
0
+ 70
°C
TRIAC AVS10CB / AVS10CBI / AVS100CB Tj = +25
°C (unless otherwise specified)
Symbol
Parameter
Value
Unit
VDRM
Repetitive peak off-state voltage (2)
AVS10
AVS100
±600
±800
V
V
IT(RMS)
RMS on-state current (360
° conduction angle)
TC =80
°C, AVS10CB/AVS100CB
TC =70
°C, AVS10CBI
8
8
A
A
ITSM
Non repetitive surge peak on-state current ( Tj initial = 25
°C)
t = 8.3ms
t = 10ms
85
80
A
A
I
2tI2t value (t = 10ms)
32
A
2s
di/dt
Critical rate of rise of on-state current (1)
Repetitive f = 50Hz
Non Repetitive
20
100
A/
µs
A/
µs
dv/dt (3)
Linear slope up to 400V (Gate open) (Tj =70
°C)
AVS10
AVS100
75
150
V/
µs
V/
µs
Tstg
Storage Temperature
-40, +150
oC
Tj
Operating Junction Temperature
0, +110
oC
(1) Gate supply : IG = 100mA – di/dt = 1A/
µs
(2) Tj =110
°C
(3) For either polarity of electrode A2 voltage with reference to electrode A1
AVS20 - AVS200
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com