Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVS20 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AVS20
Description  AUTOMATIC VOLTAGE SWITCH SMPS < 300W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AVS20 Datasheet(HTML) 4 Page - STMicroelectronics

  AVS20 Datasheet HTML 1Page - STMicroelectronics AVS20 Datasheet HTML 2Page - STMicroelectronics AVS20 Datasheet HTML 3Page - STMicroelectronics AVS20 Datasheet HTML 4Page - STMicroelectronics AVS20 Datasheet HTML 5Page - STMicroelectronics AVS20 Datasheet HTML 6Page - STMicroelectronics AVS20 Datasheet HTML 7Page - STMicroelectronics AVS20 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AVS20-03.EPS
Figure 1: Maximum RMS power dissipation
versus RMS on-state current (f=60Hz)
(Curves are cut-off (di/dt)c limitation)
AVS20-04.EPS
Figure 2a : Correlation between maximum mean
power dissipation and maximum
allowable temperatures (TA and TC)
for different thermal resistances
heatsink + contact
(AVS10CB/AVS100CB)
AVS20-03.EPS
AVS20-05.EPS
Figure 2b : Correlation between maximum mean
power dissipation and maximum
allowable temperatures (TA and TC)
for different thermal resistances
heatsink + contact (AVS10CBI)
AVS20-07.EPS
Figure 4 : On-state characteristics
(maximum values).
AVS20-06.EPS
Figure 3 : Non-repetitive surge peak on-state
current for a sinusoidal pulse with
width : t
≤ 10ms, and corresponding
value of I
2t.
AVS20 - AVS200
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com