Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVS20 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AVS20
Description  AUTOMATIC VOLTAGE SWITCH SMPS < 300W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AVS20 Datasheet(HTML) 3 Page - STMicroelectronics

  AVS20 Datasheet HTML 1Page - STMicroelectronics AVS20 Datasheet HTML 2Page - STMicroelectronics AVS20 Datasheet HTML 3Page - STMicroelectronics AVS20 Datasheet HTML 4Page - STMicroelectronics AVS20 Datasheet HTML 5Page - STMicroelectronics AVS20 Datasheet HTML 6Page - STMicroelectronics AVS20 Datasheet HTML 7Page - STMicroelectronics AVS20 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
THERMAL RESISTANCES
TRIAC AVS10CB / AVS10CBI / AVS100CB
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-to-ambient
60
oC/W
Rth (j-c) DC
Junction-to-case for DC
AVS10CB / AVS100CB
AVS10CBI
3.5
4.4
oC/W
oC/W
Rth (j-c) AC
Junction-to-case for 360
° conduction angle ( f = 50Hz)
AVS10CB / AVS100CB
AVS10CBI
2.6
3.3
oC/W
oC/W
DC GENERAL ELECTRICAL CHARACTERISTICS
TRIAC AVS10CB / AVS10CBI / AVS100CB
Symbol
Parameter
Min.
Max.
Unit
VGD
VD =VDRM
RL = 3.3k
Ω Pulse duration> 20µs(Tj = 110°C)
0.2
V
VTM (1)
ITM = 11A (tp = 10ms, Tj =25
°C)
1.75
V
IDRM (1)
VDRM rated
Gate open
Tj =25
°C
AVS10/AVS100
Tj = 110
°C AVS10
Tj = 700
°C AVS100
10
500
500
µA
µA
µA
Symbol
Parameter
Min.
Typ.
Max.
Unit
MAIN CHARACTERISTICS
VSS (pin 1) (Vreg)
Shunt Regulator Voltage
- 10
- 9
- 8
V
ISS (pin 1) (Vreg)
(@ VSS = -9V)
Supply Current
0.4
30
mA
ISS (pin 1)
(@ triac gate non connected)
Quiescent Current
0.6
0.7
mA
F (pin 3)
(@ R = 91k
Ω) (C = 100pF)
Oscillator Frequency
42
44
46
kHz
VPWRON (2)
Power-on-reset Threshold
0.89 Vreg
VPWROFF (2)
Power-off-reset Threshold
4.6
V
Mode (pin 7)
VIL
(2)
VIH
(2)
0.7 Vreg
0.3 Vreg
VG (pin 5)
VOL (IVG = 25mA)
Leakage Current (VG =VDD)
650
+10
mV
µA
PEAK LINE VOLTAGE DETECTOR
VSWON (pin 8)
Low Threshold of Trip Point
(switching-on of triac triggering) (3)
3.89
4.05
4.22
V
VSWOFF (pin 8)
High Threshold of Trip Point
(switching-off of triac triggering) (3)
4.08
4.25
4.42
V
tON (pin 5)
Triac Turn-on Delay Time
(VAC = 120V)
1
2
Line
cycles
ZERO VOLTAGE CROSSING DETECTOR
V0CRPH (pin8)
High Threshold on Positive AC Side (3)
250
mV
V0CRPL (pin8)
Low Threshold on Positive AC Side (3) (4)
200
mV
V0CRNH (pin8)
High Threshold on Negative AC Side (3)
100
mV
V0CRNL (pin8)
Low Threshold on Negative AC Side (3) (4)
60
mV
NOTES :
(1) : For either polarity of electrode A2 voltage with reference to electrode A1.
(2) : Voltage referred to VDD.
(3) : Voltage referred to VSS.
(4) : These values give a typical noise immunity on the zero-crossing detection of 100mV x
1018
18
= 5.65V on the mains supply.
CONTROLLER AVS2ACP08 Toper =25
°C (unless otherwise specified)
AVS20 - AVS200
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com