Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVS20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AVS20
Description  AUTOMATIC VOLTAGE SWITCH SMPS < 300W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AVS20 Datasheet(HTML) 1 Page - STMicroelectronics

  AVS20 Datasheet HTML 1Page - STMicroelectronics AVS20 Datasheet HTML 2Page - STMicroelectronics AVS20 Datasheet HTML 3Page - STMicroelectronics AVS20 Datasheet HTML 4Page - STMicroelectronics AVS20 Datasheet HTML 5Page - STMicroelectronics AVS20 Datasheet HTML 6Page - STMicroelectronics AVS20 Datasheet HTML 7Page - STMicroelectronics AVS20 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AVS20
AVS200
AUTOMATIC VOLTAGE SWITCH (SMPS < 300W)
July 1992
1
2
3
4
V
Mode
NC
V
8
7
6
5
Osc/Out
Osc/ In
V
VSS
DD
M
G
AVS20-01.EPS
DIP8
PIN CONNECTIONS
P
DIP8
(Plastic Package)
ORDER CODE : AVS2ACP08
CONTROLLER
.
50/60Hz FULL COMPATIBILITY
.
INTEGRATED VOLTAGE REGULATOR
.
TRIAC TRIGGERING BY PULSE TRAIN
.
HIGH IMMUNITY TO AC DISTURBANCES
(SPIKES, MISSING CYCLE)
.
HIGH RELIABILITY ON LINE VOLTAGE DE-
TECTION (PARASITIC FILTER ON SIGNAL IN-
PUT)
.
FAST DIGITAL START-UP TIME
(< 2 LINE CYCLES)
.
LOW POWER CONSUMPTION
TRIAC
.
HIGH EFFICIENCY AND SAFETY SWITCHING
.
UNINSULATED PACKAGE :
AVS10CB/AVS100CB
.
INSULATED PACKAGE (2500VRMS):
AVS10CBI
.
VDRM =
±600V (AVS10CB), ±800V (AVS100CB)
.
IT(RMS) :8A
DESCRIPTION
The AVS20 (AVS200) kit is an automatic mains
selector (120/230V AC) to be used in SMPS with
input power < 300 W. It is composed of 2 devices :
• The Controller is optimized for low consumption
and high security triggering of the triac. When
connected to VSS, the mode input activates an
additional option “the latched option”. If the
main power drops from 230V to 120V, the triac
control remains locked to the 230V mode and
avoids any high voltage spike when the voltage
is restored to 230V.
When connected to VDD,the mode input desac-
tivates this option “this is the follower option”.
• The TRIAC is speciallydesigned forthis applica-
tion. An optimization between sensitivity and
dynamic parameters of the triac gate highly re-
duces the losses of supply resistor and allows
excellent immunity against line disturbances.
B
TO220AB
(Plastic Package)
ORDER CODES : AVS10CB-AVS10CBI-AVS100CB
1/8


Similar Part No. - AVS20

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVS224M50A12T CDE-AVS224M50A12T Datasheet
303Kb / 5P
SMT Aluminum Electrolytic Capacitors - General Purpose, 85?C
AVS224M50A12T-F CDE-AVS224M50A12T-F Datasheet
206Kb / 6P
General Purpose Filtering, Bypassing, Power Supply Decoupling
AVS224M50A12T-F CDE-AVS224M50A12T-F Datasheet
462Kb / 6P
SMT Aluminum Electrolytic Capacitors - General Purpose
AVS224M50B12T CDE-AVS224M50B12T Datasheet
303Kb / 5P
SMT Aluminum Electrolytic Capacitors - General Purpose, 85?C
AVS224M50B12T-F CDE-AVS224M50B12T-F Datasheet
206Kb / 6P
General Purpose Filtering, Bypassing, Power Supply Decoupling
More results

Similar Description - AVS20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AVS08 STMICROELECTRONICS-AVS08 Datasheet
68Kb / 7P
AUTOMATIC VOLTAGE SWITCH SMPS 200W
Mar-1995
AVS10 STMICROELECTRONICS-AVS10 Datasheet
80Kb / 8P
AUTOMATIC VOLTAGE SWITCH SMPS < 300W
Mar-1995
AVS12 STMICROELECTRONICS-AVS12 Datasheet
76Kb / 8P
AUTOMATIC VOLTAGE SWITCH SMPS < 500W
Mar-1995
logo
Sanken electric
STR80145A SANKEN-STR80145A Datasheet
12Kb / 1P
Voltage Doubler/Bridge Rectifier Automatic Switch ICs
logo
Comchip Technology
CTAN143V3-G COMCHIP-CTAN143V3-G Datasheet
169Kb / 3P
300W Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
SD24 SECOS-SD24 Datasheet
316Kb / 2P
300W Transient Voltage Suppressors Diode
SD03 SECOS-SD03_15 Datasheet
332Kb / 3P
300W Transient Voltage Suppressors Diode
SD05 SECOS-SD05_15 Datasheet
152Kb / 3P
300W Transient Voltage Suppressors Diode
logo
STMicroelectronics
AN1621 STMICROELECTRONICS-AN1621 Datasheet
120Kb / 14P
300W SECONDARY CONTROLLED TWO-SWITCH
Nov-2002
logo
Inventronics Inc.
EUV-300SXXXSV INVENTRONICS-EUV-300SXXXSV Datasheet
389Kb / 8P
300W Constant Voltage IP67 Driver
Rev. O
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com