Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2138 Datasheet(PDF) 1 Page - Lapp.

Part # S2138
Description  SKINTOP® SLN/SLRN Strain Relief with NPT Thread
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

S2138 Datasheet(HTML) 1 Page - Lapp.

  S2138 Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
493
SKINTOP®
Strain Relief Cable Glands
Application Advantage
Approvals
Photographs are not to scale and are not true representations of the products in question.
If not otherwise specified, all values relating to the product are nominal values. For current information go to our website.
Technical Data
Material:
- Body:
Polyamide
- Bushing:
CR
Locknuts:
Add GMP Locknuts, page 533
Temperature Range:
- Static:
-40°C to +80°C
- Dynamic:
-20°C to +80°C
Color:
Black (RAL 9005), UV resistant
Gray (RAL 7001)
Protection:
70 PSI
- Seal:
IP68, 5 bar
(Exceeds NEMA 6/6P pressure
rating)
• The heavy duty SKINTOP® design provides great pullout
strength and very reliable strain relief
• Superior integrated locking mechanism includes an internal
ratchet for vibration-proof protection
• Multi-trapezoidal thread requires just one twist to tighten
• Generous high-quality neoprene bushing provides a liquid-
tight and dust-proof hermetic seal
SKINTOP® SLN/SLRN is a durable, liquid-tight, easy-to-assemble strain relief
cable gland with NPT thread that is universally suited for all types of machinery
& equipment, including automation, motion control, process control, and
robotics.
Non-Metallic Cable Glands
Strain Relief with NPT Thread
SKINTOP® SLN/SLRN
Complete the Installation
SKINTOP®
DIX Bushing:
page 537
Plugs
page 540
Part
Number
Thread Type
& Size
UL
Status
øF
Clamping Range
SW
Wrenching Flats
C
Overall Length
D
Thread Length
Standard
Pack Size
Black
Gray
(in)
(mm)
(in)
(in)
(in)
SKINTOP® SLN: Standard
S2138
S1138
NPT ⅜”
Recognized
0.138 - 0.315
3.5 - 8.0
0.748
1.693
0.591
100
S2112
S1112
NPT ½”
Listed
0.197 - 0.472
5.0 - 12.0
0.945
1.772
0.591
100
S2134
S1134
NPT ¾”
Listed
0.512 - 0.709
13.0 - 18.0
1.299
2.087
0.591
50
S2101
S1101
NPT 1”
Listed
0.748 - 1.000
19.0 - 25.4
1.654
2.362
0.591
25
SKINTOP® SLRN: Reducer Bushing
S2238
S1238
NPT ⅜”
Recognized
0.079 - 0.236
2.0 - 6.0
0.748
1.693
0.591
100
S2212
S1212
NPT ½”
Listed
0.157 - 0.354
4.0 - 9.0
0.945
1.772
0.591
100
S2234
S1234
NPT ¾”
Listed
0.354 - 0.630
9.0 - 16.0
1.299
2.087
0.591
50
S2201
S1201
NPT 1”
Listed
0.551 - 0.827
14.0 - 21.0
1.654
2.362
0.591
25
Orders of 2000 pieces or more per item will be bulk packaged unless otherwise requested.


Similar Part No. - S2138

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S2138 ETC2-S2138 Datasheet
450Kb / 1P
SKINTOP® SLN/SLRN Strain relief with NPT thread
2018
More results

Similar Description - S2138

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S2138 ETC2-S2138 Datasheet
450Kb / 1P
SKINTOP® SLN/SLRN Strain relief with NPT thread
2018
logo
Lapp.
53016610 LAPP-53016610 Datasheet
149Kb / 2P
SKINTOP® BS NPT
23.11.2021
53019300 LAPP-53019300 Datasheet
83Kb / 1P
SKINTOP® GMP-GL NPT
27.04.2021
53112004 LAPP-53112004 Datasheet
251Kb / 2P
SKINTOP® MS-NPT / MSR-NPT
02.12.2021
53112037 LAPP-53112037 Datasheet
275Kb / 2P
SKINTOP® MS-NPT BRUSH
02.12.2021
53112910 LAPP-53112910 Datasheet
275Kb / 2P
SKINTOP® MS-SC NPT
02.12.2021
53806780 LAPP-53806780 Datasheet
289Kb / 2P
SKINTOP® INOX NPT / INOX-R NPT
02.12.2021
53806818 LAPP-53806818 Datasheet
330Kb / 2P
SKINTOP® INOX SC NPT
02.12.2021
54114100 LAPP-54114100 Datasheet
312Kb / 2P
SKINTOP® HYGIENIC NPT / HYGIENIC-R NPT
02.12.2021
54114300 LAPP-54114300 Datasheet
346Kb / 2P
SKINTOP® HYGIENIC SC NPT
02.12.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com