Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49120TLEVAL Datasheet(PDF) 6 Page - Texas Instruments

Part # LM49120TLEVAL
Description  LM49120 Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49120TLEVAL Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM49120TLEVAL Datasheet HTML 2Page - Texas Instruments LM49120TLEVAL Datasheet HTML 3Page - Texas Instruments LM49120TLEVAL Datasheet HTML 4Page - Texas Instruments LM49120TLEVAL Datasheet HTML 5Page - Texas Instruments LM49120TLEVAL Datasheet HTML 6Page - Texas Instruments LM49120TLEVAL Datasheet HTML 7Page - Texas Instruments LM49120TLEVAL Datasheet HTML 8Page - Texas Instruments LM49120TLEVAL Datasheet HTML 9Page - Texas Instruments LM49120TLEVAL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LM49120, LM49120TLEVAL
SNAS431C – JUNE 2008 – REVISED MAY 2013
www.ti.com
Electrical Characteristics 3.3V
(1)(2) (continued)
The following specifications apply for VDD = 3.3V, TA = 25°C, all volume controls set to 0dB, unless otherwise specified.
LM49120
Units
Parameter
Test Conditions
(Limits)
Typ(3)
Limits(4)
VRIPPLE = 200mVPP; fRIPPLE = 217Hz, RL = 8Ω (Speaker); RL = 32Ω (Headphone)
CB = 2.2µF, BTL
All audio inputs terminated to GND; output referred
Speaker Output; Speaker Output Gain 6dB
Speaker Amplifier; Mode 1
79
dB
Speaker Amplifier; Mode 2
63
dB
Speaker Amplifier; Mode 3
62
dB
Speaker Amplifier Output; Speaker Output Gain 0dB
Speaker Amplifier; Mode 1
84
dB
PSRR
Power Supply Rejection Ratio
Speaker Amplifier; Mode 2
63
dB
Speaker Amplifier; Mode 3
62
dB
Headphone Amplifier Output
Headphone Amplifier; SE, Mode 4
83
dB
Headphone Amplifier; SE, Mode 8
84
dB
Headphone Amplifier; SE, Mode 12
78
dB
Headphone Amplifier; OCL, Mode 4
83
dB
Headphone Amplifier; OCL, Mode 8
80
dB
Headphone Amplifier; OCL, Mode 12
77
dB
VOL∈
Volume Control Step Size Error
±0.2
dB
–91
dB (min)
Maximum Attenuation
–86
–81
dB (max)
VOLRANGE Digital Volume Control Range
17.4
dB (min)
Maximum Gain
18
18.6
dB (max)
Au(HP)
HP (SE) Mute Attenuation
Output Mode 1, 2, 3
96
dB
10
k
Ω (min)
Maximum gain setting
12.5
15
k
Ω (max)
MONO_IN Input Impedance
ZIN
LIN and RIN Input Impedance
90
k
Ω (min)
Maximum attenuation setting
110
130
k
Ω (max)
f = 217Hz, VCM = 1VPP,
Speaker, BTL, Mode 1,
61
dB
RL = 8Ω
Differential Input
CMRR
Common-Mode Rejection Ratio
f = 217Hz, VCM = 1VPP,
Headphone, OCL, Mode 4,
66
dB
RL = 32Ω
Stereo Input
Headphone; POUT = 12mW
–60
dB
f = 1kHz, OCL. Mode 8
XTALK
Crosstalk
Headphone; POUT = 12mW
–72
dB
f = 1kHz, SE, Mode 8
CB = 4.7μF, OCL
35
ms
CB = 2.2μF, SE,
Normal Turn On Mode
120
ms
Turn_On_Time = 1
TWU
Wake-Up Time from Shutdown
CB = 2.2μF, OCL
30
ms
CB = 4.7μF, SE,
Fast Turn On Mode
130
ms
Turn_On_Time = 0
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM49120 LM49120TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com