Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49120TLEVAL Datasheet(PDF) 11 Page - Texas Instruments

Part # LM49120TLEVAL
Description  LM49120 Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49120TLEVAL Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM49120TLEVAL Datasheet HTML 7Page - Texas Instruments LM49120TLEVAL Datasheet HTML 8Page - Texas Instruments LM49120TLEVAL Datasheet HTML 9Page - Texas Instruments LM49120TLEVAL Datasheet HTML 10Page - Texas Instruments LM49120TLEVAL Datasheet HTML 11Page - Texas Instruments LM49120TLEVAL Datasheet HTML 12Page - Texas Instruments LM49120TLEVAL Datasheet HTML 13Page - Texas Instruments LM49120TLEVAL Datasheet HTML 14Page - Texas Instruments LM49120TLEVAL Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
SUPPLY VOLTAGE (V)
5.0
7.5
2.7
5.5
5.5
6.0
6.5
7.0
3.1
3.5
3.9
4.3
4.7
5.1
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
20k
200
2k
20
OUTPUT POWER/ CHANNEL (mW)
450
0
120
0
50
100
150
200
250
300
350
400
20
40
60
80
100
OUTPUT POWER/ CHANNEL (mW)
300
0
300
0
50
100
150
200
250
50
100
150
200
250
OUTPUT POWER/ CHANNEL (mW)
200
0
50
0
20
40
60
80
100
120
140
160
180
5
10 15 20 25 30 35 40 45
OUTPUT POWER/ CHANNEL (mW)
300
0
300
0
50
100
150
200
250
50
100
150
200
250
LM49120, LM49120TLEVAL
www.ti.com
SNAS431C – JUNE 2008 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Filter BW = 22kHz
Power Dissipation
Power Dissipation
vs
vs
Output Power
Output Power
VDD = 3.3V, RL = 32Ω
VDD = 3.3V, RL = 8Ω
f = 1kHz, Mode 8, OCL
f = 1kHz, Mode 1, Speaker
Figure 10.
Figure 11.
Power Dissipation
Power Dissipation
vs
vs
Output Power
Output Power
VDD = 5V, RL = 32Ω
VDD =5V, RL = 8Ω
f = 1kHz, Mode 8, OCL
f = 1kHz, Mode 1, Speaker
Figure 12.
Figure 13.
THD+N
Supply Current
vs
vs
Frequency
Supply Voltage
VDD = 3.3V, RL = 32Ω, PO = 12mW
VIN= GND, No load
f = 22kHz, Mode 8, OCL
Figure 14.
Figure 15.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM49120 LM49120TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com