Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49120TLEVAL Datasheet(PDF) 1 Page - Texas Instruments

Part # LM49120TLEVAL
Description  LM49120 Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49120TLEVAL Datasheet(HTML) 1 Page - Texas Instruments

  LM49120TLEVAL Datasheet HTML 1Page - Texas Instruments LM49120TLEVAL Datasheet HTML 2Page - Texas Instruments LM49120TLEVAL Datasheet HTML 3Page - Texas Instruments LM49120TLEVAL Datasheet HTML 4Page - Texas Instruments LM49120TLEVAL Datasheet HTML 5Page - Texas Instruments LM49120TLEVAL Datasheet HTML 6Page - Texas Instruments LM49120TLEVAL Datasheet HTML 7Page - Texas Instruments LM49120TLEVAL Datasheet HTML 8Page - Texas Instruments LM49120TLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LM49120, LM49120TLEVAL
www.ti.com
SNAS431C – JUNE 2008 – REVISED MAY 2013
LM49120
Audio Sub-System with Mono Class AB
Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
Check for Samples: LM49120, LM49120TLEVAL
1
FEATURES
DESCRIPTION
The
LM49120
is
a
compact
audio
subsystem
2
•
RF Immunity
designed for portable handheld applications such as
•
Selectable OCL/SE Headphone Drivers
cellular phones. The LM49120 combines a mono
•
32 Step Volume Control
1.3W speaker amplifier, stereo 85mW/ch output
capacitorless headphone amplifier, 32 step volume
•
Click and Pop Suppression
control, and an input mixer/multiplexer into a single
•
Independent Speaker and Headphone Gain
16–bump DSBGA package.
Settings
The LM49120 has three input channels: two single-
•
Minimum External Components
ended stereo inputs and a differential mono input.
•
Thermal Over Load Protection
Each input features a 32-step digital volume control.
•
Micro-power Shutdown
The headphone output stage features an 8 step (-
18dB – 0dB) attenuator, while the speaker output
•
Space Saving 16–bump DSBGA Package
stage has two selectable (0dB/+6dB) gain settings.
•
Thermal Shutdown Protection
The digital volume control and mode control are
•
Micro-power Shutdown
programmed through a two-wire I2C compatible
interface.
•
I2C Control Interface
APPLICATIONS
•
Mobile Phones
•
PDAs
•
Portable Electronics
KEY SPECIFICATIONS
•
Output Power at VDD = 5V:
–
Speaker: RL = 8
Ω BTL, THD+N ≤ 1%: 1.3W
(typ)
–
Headphone: RL = 32
Ω, SE, THD+N ≤ 1%:
85mW (typ)
•
Output Power at VDD = 3.6V:
–
Speaker: RL = 8
Ω, BTL, THD+N ≤ 1%:
632mW (typ)
•
Output Power at VDD = 3.3V:
–
Speaker: RL = 8
Ω, BTL, THD+N ≤ 1%:
540mW (typ)
–
Headphone: RL = 32
Ω, OCL/SE, THD+N ≤
1%: 35mW (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM49120TLEVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM49120TLEVAL TI1-LM49120TLEVAL Datasheet
1Mb / 29P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
More results

Similar Description - LM49120TLEVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4947 NSC-LM4947 Datasheet
1Mb / 32P
Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
Stereo Class D Audio Subsystem with OCL Headphone Amplifier
LM49100_0709 NSC-LM49100_0709 Datasheet
2Mb / 26P
Mono Class AB Audio Sub-System with a True-Ground Headphone Amplifier
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM49321 NSC-LM49321 Datasheet
1Mb / 42P
Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
Texas Instruments
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
LM49100 TI1-LM49100_14 Datasheet
4Mb / 33P
Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
LM49321 TI-LM49321_15 Datasheet
1,022Kb / 45P
LM49321 Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com