Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49120TLEVAL Datasheet(PDF) 13 Page - Texas Instruments

Part # LM49120TLEVAL
Description  LM49120 Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49120TLEVAL Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM49120TLEVAL Datasheet HTML 9Page - Texas Instruments LM49120TLEVAL Datasheet HTML 10Page - Texas Instruments LM49120TLEVAL Datasheet HTML 11Page - Texas Instruments LM49120TLEVAL Datasheet HTML 12Page - Texas Instruments LM49120TLEVAL Datasheet HTML 13Page - Texas Instruments LM49120TLEVAL Datasheet HTML 14Page - Texas Instruments LM49120TLEVAL Datasheet HTML 15Page - Texas Instruments LM49120TLEVAL Datasheet HTML 16Page - Texas Instruments LM49120TLEVAL Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
OUTPUT POWER (mW)
0.01
10
10
1k
0.1
1
20
50
100
500
200
OUTPUT POWER (mW)
0.01
10
10
200
0.1
1
20
100
40
80
60
OUTPUT POWER (mW)
0.01
10
10
100
0.1
1
30
40 50
80
60
20
OUTPUT POWER (mW)
0.01
10
10
100
0.1
1
30
40 50
80
60
20
OUTPUT POWER (mW)
0.01
10
10
100
0.1
1
30
40 50
80
60
20
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
20k
200
2k
20
LM49120, LM49120TLEVAL
www.ti.com
SNAS431C – JUNE 2008 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Filter BW = 22kHz
THD+N
THD+N
vs
vs
Frequency
Output Power
VDD = 5V, RL = 8Ω, PO = 500mW
VDD = 3.3V, RL = 32Ω
f = 1kHz, Mode 1, Speaker
f = 1kHz, Mode 8, OCL
Figure 22.
Figure 23.
THD+N
THD+N
vs
vs
Output Power
Output Power
VDD = 3.3V, RL = 32Ω
VDD = 3.3V, RL = 64Ω
f = 1kHz, Mode 8, SE
f = 1kHz, Mode 4, BTL
Figure 24.
Figure 25.
THD+N
THD+N
vs
vs
Output Power
Output Power
VDD = 3.3V, RL = 8Ω
VDD = 5V, RL = 32Ω
f = 1kHz, Mode 1, Speaker
f = 1kHz, Mode 8, OCL
Figure 26.
Figure 27.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM49120 LM49120TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com