Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6738 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMH6738
Description  LMH6738 Very Wideband, Low Distortion Triple Op Amp
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6738 Datasheet(HTML) 2 Page - Texas Instruments

  LMH6738 Datasheet HTML 1Page - Texas Instruments LMH6738 Datasheet HTML 2Page - Texas Instruments LMH6738 Datasheet HTML 3Page - Texas Instruments LMH6738 Datasheet HTML 4Page - Texas Instruments LMH6738 Datasheet HTML 5Page - Texas Instruments LMH6738 Datasheet HTML 6Page - Texas Instruments LMH6738 Datasheet HTML 7Page - Texas Instruments LMH6738 Datasheet HTML 8Page - Texas Instruments LMH6738 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LMH6738
SNOSAC1E – APRIL 2004 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage (V+ - V–)
13.2V
IOUT
See Note (2)
Common Mode Input Voltage
±VCC
Maximum Junction Temperature
+150°C
Storage Temperature Range
−65°C to +150°C
Soldering Information
Infrared or Convection (20 sec.)
235°C
Wave Soldering (10 sec.)
260°C
ESD Tolerance (3)
Human Body Model
2000V
Machine Model
200V
Storage Temperature Range
−65°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specifications, see the Electrical
Characteristics tables.
(2)
The maximum output current (IOUT) is determined by device power dissipation limitations. See the Power Dissipation section of the
Application Section for more details.
(3)
Human Body Model is 1.5 k
Ω in series with 100 pF. Machine Model is 0Ω in series with 200 pF.
Operating Ratings
(1)
Thermal Resistance
Package
(
θJC)
(
θJA)
16-Pin SSOP
36°C/W
120°C/W
Operating Temperature Range
−40°C to +85°C
Supply Voltage (V+ - V–)
8V to 12V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specifications, see the Electrical
Characteristics tables.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMH6738



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com