Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6738 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMH6738
Description  LMH6738 Very Wideband, Low Distortion Triple Op Amp
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6738 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6738 Datasheet HTML 4Page - Texas Instruments LMH6738 Datasheet HTML 5Page - Texas Instruments LMH6738 Datasheet HTML 6Page - Texas Instruments LMH6738 Datasheet HTML 7Page - Texas Instruments LMH6738 Datasheet HTML 8Page - Texas Instruments LMH6738 Datasheet HTML 9Page - Texas Instruments LMH6738 Datasheet HTML 10Page - Texas Instruments LMH6738 Datasheet HTML 11Page - Texas Instruments LMH6738 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
0.1
1
10
100
1000
FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
VIN = 2 VPP
VS = ±5V
-40
-20
0
20
80
100
TEMPERATURE (°C)
40
60
-0.6
-0.4
0
0.2
0.4
0.6
0.8
1
-0.2
-10
-8
-4
-2
0
2
4
6
-6
IBI
VOS
IBN
0.1
1
10
100
10k
kHz
1
10
100
1000
1
10
100
1000
1k
INVERTING CURRENT
NO
N-IN
VERT
ING
CURRE
NT
NON-INVERTING VOLTAGE
LMH6738
SNOSAC1E – APRIL 2004 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
AV = +2, VCC = ±5V, RL = 100Ω, RF = 549Ω; unless otherwise specified).
DC Errors
Input Noise
vs.
vs.
Temperature
Frequency
Figure 19.
Figure 20.
Figure 21.
Disabled Channel Isolation
vs.
Frequency
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMH6738



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com