Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6738 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMH6738
Description  LMH6738 Very Wideband, Low Distortion Triple Op Amp
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6738 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH6738 Datasheet HTML 7Page - Texas Instruments LMH6738 Datasheet HTML 8Page - Texas Instruments LMH6738 Datasheet HTML 9Page - Texas Instruments LMH6738 Datasheet HTML 10Page - Texas Instruments LMH6738 Datasheet HTML 11Page - Texas Instruments LMH6738 Datasheet HTML 12Page - Texas Instruments LMH6738 Datasheet HTML 13Page - Texas Instruments LMH6738 Datasheet HTML 14Page - Texas Instruments LMH6738 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
+
-
RIN
51:
RF
550:
X1
-
+
ROUT
51:
RG
550:
CL
10 pF
RL
1 k:
+
-
6.8 PF
C2
0.01 PF
RIN
75:
RG
550:
RF
550:
C3
6.8 PF
C4
X1
-
+
ROUT
75:
C1
0.01 PF
VOUT
VIN
+
-
RIN
51:
RF
550:
X1
-
+
ROUT
51:
RG
550:
CL
10 pF
RL
1 k:
LMH6738
www.ti.com
SNOSAC1E – APRIL 2004 – REVISED MARCH 2013
When using the LMH6738 as a low pass filter the value of RF can be substantially reduced from the value
recommended in the RF vs. Gain charts. The benefit of reducing RF is increased gain at higher frequencies,
which improves attenuation in the stop band. Stability problems are avoided because in the stop band additional
device bandwidth is used to cancel the input signal rather than amplify it. The benefit of this change depends on
the particulars of the circuit design. With a high pass filter configuration reducing RF will likely result in device
instability and is not recommended.
Figure 25. Typical Video Application
Figure 26. Decoupling Capacitive Loads
DRIVING CAPACITIVE LOADS
Capacitive output loading applications will benefit from the use of a series output resistor ROUT. Figure 26 shows
the use of a series output resistor, ROUT, to stabilize the amplifier output under capacitive loading. Capacitive
loads of 5 to 120 pF are the most critical, causing ringing, frequency response peaking and possible oscillation.
The charts “Suggested ROUT vs. Cap Load” give a recommended value for selecting a series output resistor for
mitigating capacitive loads. The values suggested in the charts are selected for .5 dB or less of peaking in the
frequency response. This gives a good compromise between settling time and bandwidth. For applications where
maximum frequency response is needed and some peaking is tolerable, the value of ROUT can be reduced
slightly from the recommended values.
An alternative approach is to place Rout inside the feedback loop as shown in Figure 27. This will preserve gain
accuracy, but will still limit maximum output voltage swing.
Figure 27. Series Output Resistor Inside
Feedback Loop
INVERTING INPUT PARASITIC CAPACITANCE
Parasitic capacitance is any capacitance in a circuit that was not intentionally added. It comes about from
electrical interaction between conductors. Parasitic capacitance can be reduced but never entirely eliminated.
Most parasitic capacitances that cause problems are related to board layout or lack of termination on
transmission lines. Please see the section on Layout Considerations for hints on reducing problems due to
parasitic capacitances on board traces. Transmission lines should be terminated in their characteristic
impedance at both ends.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6738



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com