Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6738 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6738
Description  LMH6738 Very Wideband, Low Distortion Triple Op Amp
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6738 Datasheet(HTML) 3 Page - Texas Instruments

  LMH6738 Datasheet HTML 1Page - Texas Instruments LMH6738 Datasheet HTML 2Page - Texas Instruments LMH6738 Datasheet HTML 3Page - Texas Instruments LMH6738 Datasheet HTML 4Page - Texas Instruments LMH6738 Datasheet HTML 5Page - Texas Instruments LMH6738 Datasheet HTML 6Page - Texas Instruments LMH6738 Datasheet HTML 7Page - Texas Instruments LMH6738 Datasheet HTML 8Page - Texas Instruments LMH6738 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LMH6738
www.ti.com
SNOSAC1E – APRIL 2004 – REVISED MARCH 2013
Electrical Characteristics
(1)
AV = +2, VCC = ±5V, RL = 100Ω, RF = 549Ω; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Performance
UGBW
-3 dB Bandwidth
Unity Gain, VOUT = 200 mVPP
750
MHz
SSBW
-3 dB Bandwidth
VOUT = 200 mVPP
480
MHz
LSBW
VOUT = 2 VPP
400
0.1 dB Bandwidth
VOUT = 2 VPP
150
MHz
GFPL
Peaking
DC to 75 MHz
0
dB
GFR1
Rolloff
DC to 150 MHz, VOUT = 2 VPP
0.1
dB
GFR2
Rolloff
@ 300 MHz, VOUT = 2 VPP
1.0
dB
Time Domain Response
TRS
Rise and Fall Time
2V Step
0.9
ns
(10% to 90%)
TRL
5V Step
1.7
SR
Slew Rate
5V Step
3300
V/µs
ts
Settling Time to 0.1%
2V Step
10
ns
te
Enable Time
From Disable = rising edge.
7.3
ns
td
Disable Time
From Disable = falling edge.
4.5
ns
Distortion
HD2L
2nd Harmonic Distortion
2 VPP, 5 MHz
−80
HD2
2 VPP, 20 MHz
−71
dBc
HD2H
2 VPP, 50 MHz
−55
HD3L
3rd Harmonic Distortion
2 VPP, 5 MHz
−90
HD3
2 VPP, 20 MHz
−85
dBc
HD3H
2 VPP, 50 MHz
−65
Equivalent Input Noise
VN
Non-Inverting Voltage
>1 MHz
2.3
nV/
√Hz
ICN
Inverting Current
>1 MHz
12
pA/
√Hz
NCN
Non-Inverting Current
>1 MHz
3
pA/
√Hz
Video Performance
DG
Differential Gain
4.43 MHz, RL = 150Ω
.02
%
DP
Differential Phase
4.43 MHz, RL = 150Ω
.01
°
Static, DC Performance
VIO
Input Offset Voltage (2)
0.5
±2.5
mV
±4.5
IBN
Input Bias Current (2)
Non-Inverting
−15
−7
0
µA
−20
+5
IBI
Input Bias Current (2)
Inverting
−2
±25
μA
±35
PSRR
Power Supply Rejection Ratio (2)
50
53
dB
48.5
CMRR
Common Mode Rejection Ratio (2)
46
50
dB
44
XTLK
Crosstalk
Input Referred, f=10MHz, Drive
−80
dB
channels A,C measure channel B
ICC
Supply Current (2)
All three amps Enabled, No Load
32
35
mA
40
Supply Current Disabled V+
RL = ∞
1.9
2.2
mA
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. Performance is indicated in the electrical tables under conditions of internal self
heating where TJ> TA. See Applications Section for information on temperature de-rating of this device." Min/Max ratings are based on
product characterization and simulation. Individual parameters are tested as noted.
(2)
Parameter 100% production tested at 25°C.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6738



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com