Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV762MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMV762MA/NOPB
Description  LMV76x and LMV762Q-Q1 Low-Voltage, Precision Comparator With Push-Pull Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV762MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV762MA/NOPB Datasheet HTML 9Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 10Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 11Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 12Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 13Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 14Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 15Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 16Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
C1
R4
VO
R2
R3
R1
VA
+
-
VC
V
+
0
V
+
LMV761, LMV762, LMV762Q-Q1
www.ti.com
SNOS998I – FEBRUARY 2002 – REVISED OCTOBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LMV76x are single-supply comparators with 120 ns of propagation delay and 300 µA of supply current.
8.2 Typical Application
A typical application for a LMV76x comparator is a programmable square-wave oscillator.
Figure 23. Square-Wave Oscillator
8.2.1 Design Requirements
The circuit in Figure 23 generates a square wave whose period is set by the RC time constant of the capacitor
C1 and resistor R4. V
+ = 5 V unless otherwise specified.
8.2.2 Detailed Design Procedure
The maximum frequency is limited by the large signal propagation delay of the comparator and by the capacitive
loading at the output, which limits the output slew rate.
Figure 24. Square-Wave Oscillator Timing Thresholds
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMV761 LMV762 LMV762Q-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com