Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV762MA/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LMV762MA/NOPB
Description  LMV76x and LMV762Q-Q1 Low-Voltage, Precision Comparator With Push-Pull Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV762MA/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV762MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 9Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 10Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 11Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 12Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 13Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
|
TIME (ns)
0
50
100
150
200
150
0
6
250
1
2
3
4
5
|
0
OVERDRIVE =
50 mV
10 mV
5 mV
OVERDRIVE
VCC = 5 V
TEMP = 25°C
LOAD = 5.1 k:
50 pF
50
100
150
200
250
TIME (ns)
150
0
3
300
0
1
2
|
|
OVERDRIVE =
50 mV
10 mV
5 mV
0
VCC = 2.7 V
TEMP = 25°C
LOAD = 5.1 k:
50 pF
OVERDRIVE
TIME (ns)
0
50
100
150
200
-150
0
6
250
1
2
3
4
5
|
|
0
VCC = 5 V
TEMP = 25°C
LOAD = 5.1 k:
50 pF
OVERDRIVE =
50 mV
10 mV
5 mV
OVERDRIVE
50
100
150
200
250
TIME (ns)
-150
0
3
300
0
1
2
|
|
OVERDRIVE =
50 mV
10 mV
5 mV
OVERDRIVE
0
VCC = 2.7 V
TEMP = 25°C
LOAD = 5.1 k:
50 pF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
2
4
6
8
10
12
14
16
18
20
VOUT (V)
VCC = 2.7 V
-40°C
25°C
85°C
125°C
1
10
100
OVERDRIVE (mV)
0
50
100
150
200
250
300
350
400
450
500
2.7 V
5 V
RL = 5.1 k:
CL = 50 pF
LMV761, LMV762, LMV762Q-Q1
SNOS998I – FEBRUARY 2002 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
Figure 14. Prop Delay vs Overdrive
Figure 13. ISINK vs VOUT
Figure 15. Response Time vs Input Overdrives Positive
Figure 16. Response Time vs Input Overdrives Positive
Transition
Transition
Figure 17. Response Time vs Input Overdrives Negative
Figure 18. Response Time vs Input Overdrives Negative
Transition
Transition
10
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: LMV761 LMV762 LMV762Q-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com