Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV762MA/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LMV762MA/NOPB
Description  LMV76x and LMV762Q-Q1 Low-Voltage, Precision Comparator With Push-Pull Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV762MA/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV762MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 9Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 10Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 11Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 12Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 13Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 14Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
V
+
VREF
VIN
VO
-
+
V
-
V
+
VREF
VIN
VO
-
+
V
-
LMV761, LMV762, LMV762Q-Q1
www.ti.com
SNOS998I – FEBRUARY 2002 – REVISED OCTOBER 2015
7 Detailed Description
7.1 Overview
The LMV76x family of precision comparators is available in a variety of packages and is ideal for portable and
battery-operated electronics.
To minimize external components, the LMV76x family features a push-pull output stage where the output levels
are power-supply determined. In addition, the LMV761 (single) features an active-low shutdown pin that can be
used to disable the device and reduce the supply current.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Basic Comparator
A basic comparator circuit is used to convert analog input signals to digital output signals. The comparator
compares an input voltage (VIN) at the noninverting input to the reference voltage (VREF) at the inverting pin. If
VIN is less than VREF the output (VO) is low (VOL). However, if VIN is greater than VREF, the output voltage (VO) is
high (VOH).
Figure 19. Basic Comparator Without Hysteresis
Figure 20. Basic Comparator
7.3.2 Hysteresis
The basic comparator configuration may oscillate or produce a noisy output if the applied differential input is near
the input offset voltage of the comparator, which tends to occur when the voltage on one input is equal or very
close to the other input voltage. Adding hysteresis can prevent this problem. Hysteresis creates two switching
thresholds (one for the rising input voltage and the other for the falling input voltage). Hysteresis is the voltage
difference between the two switching thresholds. When both inputs are nearly equal, hysteresis causes one input
to effectively move quickly past the other. Thus, moving the input out of the region in which oscillation may occur.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV761 LMV762 LMV762Q-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com