Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV762MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV762MA/NOPB
Description  LMV76x and LMV762Q-Q1 Low-Voltage, Precision Comparator With Push-Pull Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV762MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMV762MA/NOPB Datasheet HTML 1Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 2Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 3Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 4Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 5Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV762MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
V
+
1
2
3
4
5
6
7
8
N/C
-IN
+IN
V
-
OUT
N/C
SD
V
-
+IN
V
+
-IN
1
2
3
5
4
6
SD
OUT
LMV761, LMV762, LMV762Q-Q1
www.ti.com
SNOS998I – FEBRUARY 2002 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
LMV761 (Single) DBV Package
6-Pin SOT-23
Top View
Pin Functions for SOT-23
PIN
TYPE
DESCRIPTION
NO.
NAME
1
+IN
I
Noninverting input
2
V-
P
Negative power terminal
3
-IN
I
Inverting input
4
OUT
O
Output
5
SDB
I
Shutdown (active low)
6
V+
P
Positive power terminal
LMV761 (Single) D Package
8-Pin SOIC
Top View
Pin Functions for SOIC (Single)
PIN
TYPE
DESCRIPTION
NO.
NAME
1
N/C
—
No Connect (not internally connected)
2
-IN
I
Inverting Input
3
+IN
I
Noninverting Input
4
V-
P
Negative Power Terminal
5
SDB
I
Shutdown (active low)
6
OUT
O
Output
7
V+
P
Positive Power Terminal
8
N/C
—
No Connect (not internally connected)
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV761 LMV762 LMV762Q-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com