Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954TLX/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LP3954TLX/NOPB
Description  Advanced Lighting Management Unit
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3954TLX/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP3954TLX/NOPB Datasheet HTML 20Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 21Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 22Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 23Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 24Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 25Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 26Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 27Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
LP3954
SNVS340D – JUNE 2005 – REVISED MARCH 2013
www.ti.com
Figure 20. Output Current vs Pin Voltage (Current
Figure 21. Pin Voltage vs Output Current (Switch
Sink Mode)
Mode)
Figure 22. Output Current vs RRGB (Current Sink Mode)
Single High Current Driver
LP3954 has internal constant current driver that is capable for driving high current mainly targeted for FLASH
LED in camera phone applications.
MAXIMUM CURRENT SETUP FOR FLASH
The user sets the maximum current of FLASH with RFLASH resistor based on following equation:
IMAX = 300 × 1.23V / (RFLASH + 50Ω),
(3)
where
Imax = maximum flash current in Amps (ie. 0.3A)
1.23V = reference voltage
300 = internal current mirror multiplier
RFLASH = Resistor value in Ohms
50
Ω = Internal resistor in the IFLASH input
For example if 300mA is required for maximum flash current RFLASH equals to
RFLASH = 300 × 1.23V / IMAX – 50Ω = 369V / 0.3A – 50Ω = 1.18kΩ
(4)
24
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com