Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954TLX/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # LP3954TLX/NOPB
Description  Advanced Lighting Management Unit
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3954TLX/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP3954TLX/NOPB Datasheet HTML 25Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 26Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 27Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 28Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 29Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 30Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 31Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 32Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
VDDA
AMBIENT
LIGHT
SENSOR
AIN
S1
S3
S2
IBIAS
1 PA
R
ADC
VDDA
-
+
100
0
TIME (s)
0
0.7
0.1
0.2
0.3
0.4
0.5
0.6
80
60
40
20
FADE OUT
FADE IN
100
0
TIME (s)
0
1.4
0.2
0.4
0.6
0.8
0.1
1.2
80
60
40
20
FADE OUT
FADE IN
LP3954
www.ti.com
SNVS340D – JUNE 2005 – REVISED MARCH 2013
Figure 29. WLED Dimming, SLOPE=0
Figure 30. WLED Dimming, SLOPE=1
Ambient Light and Temperature Measurement with LP3954
The Analog-to-Digital converter (ADC) in the Audio Syncronization block can be also used for ambient light
measurement or temperature measurement.
The selection between these modes is controlled with input selector bits INPUT_SEL[1:0] as follows
INPUT_SEL[1:0]
Mode
00
Audio synchronization
Temperature measurement
01
(voltage input)
Ambient light measurement
10
(current input)
11
No input
AMBIENT LIGHT MEASUREMENT
The ambient light measurement requires only one external component: Ambient light sensor (photo transistor or
diode). The ADC reads the current level at ASE pin and converts the result in digital word. User can read the
ADC output from the ADC output register. The known ambient light condition allows user to set the backlight
current to optimal level thus saving power especially in low light and bright sunlight condition.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com