Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954TLX/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Part # LP3954TLX/NOPB
Description  Advanced Lighting Management Unit
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3954TLX/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP3954TLX/NOPB Datasheet HTML 28Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 29Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 30Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 31Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 32Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 33Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 34Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 35Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
SW
BATTERY
VDD1
VDDA
LDO
Analog
supply
voltage
2.8V
LP3954
Digital
supply
voltage
VDD2
CIN
10 F
CVDD
100 nF
CVDDA
1 PF
4.7 H
LP3954
SNVS340D – JUNE 2005 – REVISED MARCH 2013
www.ti.com
Logic Interface Characteristics
(1.65V
≤ VDDIO ≤ VDD1,2V) (Unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
LOGIC INPUTS SS, SI, SCK/SCL, SYNC/PWM, IF_SEL, EN_FLASH
VIL
Input Low Level
0.2 ×
V
VDDIO
VIH
Input High Level
0.8 ×
V
VDDIO
II
Logic Input Current
−1.0
1.0
µA
I2C Mode
400
kHz
SPI Mode,
13
MHz
fSCL
Clock Frequency
VDDIO > 1.8V
SPI Mode,
5
MHz
1.65V
≤ VDDIO < 1.8V
LOGIC OUTPUT SO
ISO = 3 mA
0.3
0.5
VDDIO > 1.8V
VOL
Output Low Level
V
ISO = 2 mA
0.3
0.5
1.65V
≤ VDDIO < 1.8V
ISO = −3 mA
VDDIO −
VDDIO −
VDDIO > 1.8V
0.5
0.3
VOH
Output High Level
V
ISO = -2 mA
VDDIO −
VDDIO −
1.65V
≤ VDDIO < 1.8V
0.5
0.3
IL
Output Leakage Current
VSO = 2.8V
1.0
µA
LOGIC OUTPUT SDA
VOL
Output Low Level
ISDA = 3 mA
0.3
0.5
V
Control Interface
The LP3954 supports two different interface modes:
•
SPI interface (4 wire, serial)
•
I2C compatible interface (2 wire, serial)
User can define the serial interface by IF_SEL pin. IF_SEL=0 selects the I2C mode.
32
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com