Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954TLX/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Part # LP3954TLX/NOPB
Description  Advanced Lighting Management Unit
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3954TLX/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP3954TLX/NOPB Datasheet HTML 24Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 25Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 26Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 27Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 28Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 29Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 30Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 31Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
0
0.05
0.10
0.15
0.20
0.25
0.30
WLED OUTPUT VOLTAGE (V)
0
5
10
15
20
25
30
85
oC
-40
oC
25
oC
LP3954
SNVS340D – JUNE 2005 – REVISED MARCH 2013
www.ti.com
ADJUSTMENT
WLED1-4[7:0]
Driver Current,
WLED5-6[7:0]
mA (typical)
0000 0000
0
0000 0001
0.1
0000 0010
0.2
0000 0011
0.3
…
…
…
…
1111 1101
25.3
1111 1110
25.4
1111 1111
25.5
Figure 28. WLED Output Current vs. Voltage
FADE IN / FADE OUT
LP3954 has an automatic fade in and out for main and sub backlight. The fade function is enabled with
EN_FADE bit. The slope of the fade curve is set by the SLOPE bit. Fade control for main and sub display is set
by FADE_SEL bit.
0
Automatic fade disabled
EN_FADE
1
Automatic fade enabled
0
Fade execution time 1.3s
SLOPE
1
Fade execution time 0.65s
0
Fade controls WLED1-4
FADE_SEL
1
Fade controls WLED5-6
Recommended fading sequence:
1. ASSUMPTION: Current WLED value in register
2. Set SLOPE
3. Set FADE_SEL
4. Set EN_FADE = 1
5. Set target WLED value
6. Fading will be done either within 0.5s or 1s based on Slope selection
28
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com