Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PF0011/10/63. Datasheet(PDF) 14 Page - Bulgin Limited. All rights reserved.

Part # PF0011/10/63.
Description  IEC Connectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PF0011/10/63. Datasheet(HTML) 14 Page - Bulgin Limited. All rights reserved.

Back Button PF0011/10/63. Datasheet HTML 10Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 11Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 12Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 13Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 14Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 15Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 16Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 17Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 18Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
250 IEC Connectors
Rewirable
IEC Connectors
EN60 320-2-2 Standard Sheet E Class I
Angled Male Connector
Straight Male Connector
Side Entry Male Connector
PX0685
PX0686
PX0686/SE
Cable Mounting
Four Position Cable Entry
Rewirable
Screw Terminals
10A, 250V a.c.
Cable Mounting
Rewirable
Screw Terminals
10A, 250V a.c.
Cable Mounting
Rewirable
Screw Terminals
10A, 250V a.c.
Specifications
Fixing(Panel):
Max. Rating:
Colours:
Contact Resistance:
Insulation Resistance:
A.C. Breakdown:
Operating Temp.
Withdrawal Force:
Mouldings:
Contacts:
Approvals:
Accessories / Notes:
Mating Outlets:
RoHS
Screw Terminals
10A, 250V a.c.
No suffix (Black), /WH (White), /GY (Grey)
<10mΩ
>10⁴ MΩ
Pole-Pole 5.2kV.
Poles-Accessible Parts 6kV
–40°C to +70°C
10N (Min.) 50N (Max.)
Nylon, Flammability Rating UL94V-0
Brass, Nickel Plated.
Unique octagon module allows
choice of 4 cable positions
PX0675, PX0695, PX0578, PX0783,
PX0793, PX0793/1
Compliant
PX0685/Col
PX0686/Col
PX0686/SE/Col
Screw Terminals
10A, 250V a.c.
No suffix (Black), /WH (White), /GY (Grey)
<10mΩ
>10⁴ MΩ
Pole-Pole 5kV.
Poles-Accessible Parts 5kV
–40°C to +70°C
10N (Min.) 50N (Max.)
Nylon, Flammability Rating UL94V-0
Brass, Nickel Plated.
VDE and ENEC approval for black and white
versions only.
PX0675, PX0695, PX0578, PX0783,
PX0793, PX0793/1, PX0716, PX0717
& PX0718
Compliant
Screw Terminals
10A, 250V a.c.
No suffix (Black), /WH (White), /GY (Grey)
<10mΩ
>10⁴ MΩ
Pole-Pole 5kV.
Poles-Accessible Parts 5kV
–40°C to +70°C
10N (Min.) 50N (Max.)
Nylon, Flammability Rating UL94V-0
Brass, Nickel Plated.
VDE and ENEC approval for black and white
versions only.
PX0675, PX0695, PX0578, PX0783,
PX0793, PX0793/1, PX0716, PX0717
& PX0718
Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com