Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PF0011/10/63. Datasheet(PDF) 16 Page - Bulgin Limited. All rights reserved.

Part # PF0011/10/63.
Description  IEC Connectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PF0011/10/63. Datasheet(HTML) 16 Page - Bulgin Limited. All rights reserved.

Back Button PF0011/10/63. Datasheet HTML 12Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 13Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 14Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 15Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 16Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 17Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 18Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 19Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 20Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
252 IEC Connectors
IEC Connectors
EN60 320-1 Standard Sheet C14 Class I Cold Condition &
EN60 320-2-2 Standard Sheet F Class I Cold Condition
Snap Fit to Panel Inlet/ Outlet
Snap Fit to Fused Inlet/ Outlet
PX0716/48
PX0718/x/xx/ST
Inlet/Outlet combination
Panel Size1.2mm
4.8mm tabs
10A, 250V a.c.
(15A, 250V a.c. UL & CSA)
Fused Inlet/Outlet
combination
1-6 outlet versions
Panel Size 1.5mm
Terminals:
inlet: 4.8mm tabs
outlet: solder tags
10A, 250V a.c.
(15A, 250V a.c. UL)
All outlet terminals linked,
common earth throughout.
Specifications
Fixing:
Terminations:
Max. Rating:
Insulation Resistance:
Dielectric Strength:
Operating Temp.
Max. Pin Temp:
Mouldings:
Contacts:
Approvals:
Accessories / Notes:
Mating With:
RoHS
Snap fit 1.2mm accommodation
/48 (4.8mm tab)
10A, 250V a.c.
(UL 15A, 125V a.c.)
>100MΩ (500V d.c., 1 min.)
2kV (50Hz, 1 min.)
–20°C to +70°C
+70ºC
Nylon 66, Flammability Rating UL94V-0
Brass, Tin Plated
PX0587, PX0587/SE, PX0588, PX0686,
PX0686/SE
Compliant
PX0716/Termination
PX0718/x/15/Termination
Snap fit 1.5mm accommodation
/ST (outlet solder tag, inlet 4.8mm tab)
10A, 250V a.c.
(UL 15A, 250V a.c.)
>100MΩ (500V d.c., 1 min.)
2kV (50Hz, 1 min.)
–20°C to +70°C
+70ºC
Glass filled Thermoplastic, UL94V-0
Brass, Tin Plated
PX0587, PX0587/SE, PX0588, PX0686,
PX0686/SE
Compliant
C
C
US
US



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com