Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PF0011/10/63. Datasheet(PDF) 23 Page - Bulgin Limited. All rights reserved.

Part # PF0011/10/63.
Description  IEC Connectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PF0011/10/63. Datasheet(HTML) 23 Page - Bulgin Limited. All rights reserved.

Back Button PF0011/10/63. Datasheet HTML 18Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 19Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 20Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 21Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 22Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 23Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 24Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 25Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 26Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
IEC Connectors 259
Snap Fit, /10 (1mm), /15 (1.5mm),
/20 (2mm), /30 (3mm)
/63 (6.3mm tab), /48 (4.8mm tab)
16A, 250V ac
20A, 250V ac UL and CSA
>10⁶ MΩ
1.5kV ac
3kV ac
–40ºC to +70ºC
70ºC
Nylon, Flammability Rating UL 94V-0
Pins: Brass, Nickel Plated
Tabs: Brass, Tin Plated
PX0599 Rewirable Connector
P.No. 14064 (see Page 152)
Compliant
Cold Conditions
IEC Connectors
EN60 320-2-2 Standard Sheet J & I, Class I
Flange Mount Outlet
Snap Fit to Panel Outlet
PX0591/63
PX0592/15/63
Flange Mounting
6.3mm Tabs
16A, 250V a.c.
(20A, 250V a.c., UL & CSA)
Snap Fit to Panel
Panel Size 1.5mm
6.3mm Tabs
16A, 250V a.c.
(20A, 250V a.c., UL & CSA)
Specifications
Fixing (Panel):
Terminations:
Max. Rating:
Insulation Resistance:
Dielectric Strength
Between contacts:
Between contacts &
accessible surfaces:
Operating Temp. Range:
Max. Pin Temp.:
Withdrawal Force:
Mouldings:
Contacts:
Approvals:
Accessories:
RoHS
Flange
/63 (6.3mm tab)
16A, 250V a.c.
(UL & CSA 20A, 250V a.c.)
>100MΩ (250V, 1 min.
1.5kV ac
3kV ac
–40°C to +70°C
P.B.T., Flammability Rating UL94V-0
Brass, Tin Plated
Compliant
PX0591/Termination
PX0592/15/Termination
Snap fit, 1.5mm accommodation
/63 (6.3mm tab)
16A, 250V a.c.
(UL & CSA 20A, 250V a.c.)
>100MΩ (250V, 1 min.)
1.5kV ac
3kV ac
–40°C to +70°C
Nylon, Flammability Rating UL94V-0
Brass, Tin Plated
Compliant
C
US
C
US



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com