Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PF0011/10/63. Datasheet(PDF) 8 Page - Bulgin Limited. All rights reserved.

Part # PF0011/10/63.
Description  IEC Connectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PF0011/10/63. Datasheet(HTML) 8 Page - Bulgin Limited. All rights reserved.

Back Button PF0011/10/63. Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 9Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 10Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 11Page - Bulgin Limited. All rights reserved. PF0011/10/63. Datasheet HTML 12Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
244 IEC Connectors
Rewirable Cold Condition (Fused)
IEC Connectors
EN60 320-1 Standard Sheet C14 Class I
Flanged Mount Fused Inlet
PC Flanged Mount Fused Inlet
PF0001/28
PF0002/28
PF0001/PC
Single Fuse 5 x 20mm
Spare Fuse Facility
2.8, 4.8 or 6.3mm Tabs
10A, 250V a.c.
Fuse Contacts Isolated
(PF0002)
Single Fuse 5 x 20mm
Spare Fuse Facility
PC Spills - Horizontal
10A, 250V a.c.
Specifications
Fixing(Panel):
Terminations:
Colours:
Max. Rating:
Max. Fuse Rating:
Contact Resistance:
Insulation Resistance:
A.C. Breakdown:
Operating Temp.
Max. Pin Temp.:
Mouldings:
Contacts:
Approvals:
Accessories / Notes:
Mating Connectors:
RoHS
Flange
/28 (2.8mm solder), /48 (4.8mm tab)
/63 (6.3mm tab)
No suffix (Black), /WH (White),
/GY (Grey)
10A, 250V a.c.
2.5W/10A, 250V a.c.
<10mΩ (<15mΩ including
Fuseholder)
>10³ MΩ
Pole-Pole 5.5kV. Poles-Panel 4kV
–40°C to +70°C
+70°C
Nylon, Flammability Rating UL94V-0
Brass: Pins, Nickel Plated. Tabs, Tin
Plated
P.No. 11987, KT0009
See Pages 150 & 152)
VDE and ENEC approval for black versions
only.
PX0587, PX0587/SE, PX0588
Compliant
PF0001/Term/Col
PF0001/PC/Col
PF0002/Term/Col
P.C.B./Flange
P.C. Spills
No suffix (Black), /WH (White),
/GY (Grey)
10A, 250V a.c.
2.5W/10A, 250V a.c
<10mΩ (<15mΩ including
Fuseholder)
>10³ MΩ
Pole-Pole 5.5kV. Poles-Panel 4kV
–40°C to +70°C
+70°C
Nylon, Flammability Rating UL94V-0
Brass: Pins, Nickel Plated. Tabs, Tin
Plated
KT0009 (front of panel mounting only)
(See Page 150)
VDE and ENEC approval for black versions
only.
PX0587, PX0587/SE, PX0588
Compliant
Flange
/28 (2.8mm solder), /48 (4.8mm tab)
/63 (6.3mm tab)
No suffix (Black), /WH (White),
/GY (Grey)
10A, 250V a.c.
2.5W/10A, 250V a.c
<10mΩ
>10³ MΩ
Pole-Pole 5.5kV. Poles-Panel 4kV
–40°C to +70°C
+70°C
Nylon, Flammability Rating UL94V-0
Brass: Pins, Nickel Plated. Tabs, Tin
Plated
P.No. 11987, KT0009 (See Pages 150 & 152)
(Note: Fuse contact isolated)
VDE and ENEC approval for black versions only.
PX0587, PX0587/SE, PX0588
Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com