Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2912 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM2912
Description  AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2912 Datasheet(HTML) 3 Page - Texas Instruments

  PCM2912 Datasheet HTML 1Page - Texas Instruments PCM2912 Datasheet HTML 2Page - Texas Instruments PCM2912 Datasheet HTML 3Page - Texas Instruments PCM2912 Datasheet HTML 4Page - Texas Instruments PCM2912 Datasheet HTML 5Page - Texas Instruments PCM2912 Datasheet HTML 6Page - Texas Instruments PCM2912 Datasheet HTML 7Page - Texas Instruments PCM2912 Datasheet HTML 8Page - Texas Instruments PCM2912 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM2912
SLES216 – FEBRUARY 2008
All specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted
PCM2912PJT
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
DIGITAL INPUT/OUTPUT
Host interface
Apply USB Revision 2.0, full-speed
Audio data format
USB isochronous data format
INPUT LOGIC
VIH
2
3.3
Input logic level
VDC
VIL
0.8
IIH
(1) (2)
VIN = 3.3 V
±10
µA
IIL
(1) (2)
VIN = 0 V
±10
Input logic current
IIH
(3)
VIN = 3.3 V
65
100
µA
IIL
(3)
VIN = 0 V
±10
OUTPUT LOGIC
VOH
(1)
IOH = –10 mA
2.9
VOL
(1)
IOL = 10 mA
0.3
VOH
(4)
Output logic level
IOH = –2 mA
2.8
VDC
VOL
(4)
IOL = 2 mA
0.5
VOL
(5)
IOL = 8 mA
0.5
IOH
(5)
Output leak current
VIN = 5 V
±10
µA
CLOCK FREQUENCY
Input clock frequency, XTI
5.997
6.000
6.003
MHz
MICROPHONE BIAS
Output voltage
0.75 VCCA
VDC
Output current
2
mA
Output noise
RL = 1 kΩ
5
µVrms
(1)
Pins 3, 4: D–, D+.
(2)
Pins 8, 23, 24, 27, 28: XTI, MAMP, POWER, TEST1, TEST0
(3)
Pin 30: MMUTE
(4)
Pins 7, 29: XTO, SSPND
(5)
Pins 31, 32: REC, PLAY.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PCM2912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com