Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2912 Datasheet (PDF) - Texas Instruments

PCM2912 Datasheet PDF - Texas Instruments
Part # PCM2912
Download  PCM2912 Download
File Size   874.68 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT

PCM2912 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM2912 Datasheet PDF - Texas Instruments

Part # PCM2912
Download  PCM2912 Click to download

File Size   874.68 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT

PCM2912 Datasheet (HTML) - Texas Instruments


PCM2912 Product details

1FEATURES
23· On-Chip USB Interface:
– With Full-Speed Transceivers
– Fully Compliant with USB 2.0 Specification
– Certified By USB-IF
– Partially Programmable Descriptors
– Adaptive Isochronous Transfer for
Playback
– Asynchronous Isochronous Transfer for
Record
– Bus Powered
· 16-Bit Delta-Sigma ADC and DAC
· Sampling Rate:
– 8, 11.025, 16, 22.05, 32, 44.1, 48 kHz
· On-Chip Clock Generator:
– With Single 6-MHz Clock Source
· Mono ADC with Microphone Input
– Analog Performance at V BUS = 5 V:
– THD+N: 0.01%
– SNR: 92 dB
– Dynamic Range: 90 dB
– Decimation Digital Filter
– Pass-Band Ripple: ±0.05 dB
– Stop-Band Attenuation: –65 dB
– Single-Ended Voltage Input
– Antialiasing Filter Included
– Digital HPF Included
– Microphone Bias, Microphone Amplifier,
and Input PGA
· Stereo DAC With Headphone Output
– Analog Performance at VBUS = 5.0 V:
– THD+N: 0.01% (RL > 10 kΩ)
– THD+N: 0.02% (RL = 32 Ω)
– SNR: 92 dB
– Dynamic Range: 90 dB
– PO: 13 mW (RL = 32 Ω)
– PO: 25 mW (RL = 16 Ω)
– Oversampling Digital Filter
– Pass-Band Ripple: ±0.1 dB
– Stop-Band Attenuation: –43 dB
– Single-Ended Voltage Output
– Analog LPF Included
– Sidetone PGA, Output PGA, and HP
Amplifier
· Multifunctions:
– Suspend, Playback, and Record Status Flag
– Microphone Amplifier, Mute, and Gain
Control
· Pop/Click Noise Free
· Single Power Supply: 5 V Typ (VBUS)
· Package: 32-Pin TQFP

APPLICATIONS
· USB Headset
· USB Headphone
· USB Speaker
· USB Featured Consumer Audio Product
· USB Audio Interface Box
· USB Monitor
· Video Conference System

DESCRIPTION
The PCM2912 is the Texas Instruments single-chip,
USB stereo audio CODEC with USB 2.0-compliant
full-speed protocol controller and analog front end (AFE) function for headset application. The USB
protocol controller works with no software code, but
USB descriptors can be modified on request(1). The
PCM2912 employs SpAct™ architecture, TI’s unique
system that recovers the audio clock from USB
packet data. On chip analog PLLs with SpAct enables
independent playback and record sampling rate with
low clock jitters.




Similar Part No. - PCM2912

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2912 TI-PCM2912 Datasheet
813Kb / 32P
AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912 TI-PCM2912 Datasheet
712Kb / 32P
AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912A TI1-PCM2912A Datasheet
839Kb / 32P
AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912A TI2-PCM2912A Datasheet
880Kb / 37P
PCM2912A Audio Codec With USB Interface, Mono Microphone Input and Stereo Headphone Output
REVISED AUGUST 2015
PCM2912A TI2-PCM2912A Datasheet
880Kb / 37P
PCM2912A Audio Codec With USB Interface, Mono Microphone Input and Stereo Headphone Output
REVISED AUGUST 2015
More results


Similar Description - PCM2912

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900 TI-PCM2900 Datasheet
329Kb / 32P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2906 BURR-BROWN-PCM2906 Datasheet
299Kb / 32P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2912 TI-PCM2912 Datasheet
813Kb / 32P
AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2912A TI1-PCM2912A Datasheet
839Kb / 32P
AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2912PJT TI-PCM2912PJT Datasheet
712Kb / 32P
AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2903C TI1-PCM2903C_14 Datasheet
393Kb / 30P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2900 TI1-PCM2900_17 Datasheet
595Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com