Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2912 Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM2912
Description  AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2912 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM2912 Datasheet HTML 5Page - Texas Instruments PCM2912 Datasheet HTML 6Page - Texas Instruments PCM2912 Datasheet HTML 7Page - Texas Instruments PCM2912 Datasheet HTML 8Page - Texas Instruments PCM2912 Datasheet HTML 9Page - Texas Instruments PCM2912 Datasheet HTML 10Page - Texas Instruments PCM2912 Datasheet HTML 11Page - Texas Instruments PCM2912 Datasheet HTML 12Page - Texas Instruments PCM2912 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
PLL (x16)
VIN
V
L
OUT
USBProtocol
Controller
XTI
D–
D+
SSPND
96MHz
Tracker
(SpAct
®
)
FIFO
Analog
PLL
Power
Manager
VBUS
AGND/ HGND/ PGND/DGND
6.000MHz
XTO
ISO-In
Endpoint
Control
Endpoint
POWER
Analog
PLL
5Vto3.3V
Voltage
Regulator
REC.
XCVR
USBSIE
Selector
Selector
FIFO
MIC
AMP
+20/0dB
HP AMP 15mW (@32 W)
ATT 0 dB~ –76 dB
in1 dBsteps withMute
VCOM2
PGA + 30 dB~ –12 dB
in1 dBsteps
S
S
MIC
BIAS
MBIAS
ATT 0dB~ –76 dB
in1 dBstepswith Mute
PLAY
TEST 0
TEST 1
MAMP
MMUTE
Vref.
BGND
DAC
ADC
FL
FR
V
/V
/V
/V
/V
CCA
CCP
CCL
CCR
DD
ISO-Out
Endpoint
VCOM1
V
R
OUT
PCM2912
SLES216 – FEBRUARY 2008
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PCM2912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com