Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2912 Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM2912
Description  AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2912 Datasheet(HTML) 5 Page - Texas Instruments

  PCM2912 Datasheet HTML 1Page - Texas Instruments PCM2912 Datasheet HTML 2Page - Texas Instruments PCM2912 Datasheet HTML 3Page - Texas Instruments PCM2912 Datasheet HTML 4Page - Texas Instruments PCM2912 Datasheet HTML 5Page - Texas Instruments PCM2912 Datasheet HTML 6Page - Texas Instruments PCM2912 Datasheet HTML 7Page - Texas Instruments PCM2912 Datasheet HTML 8Page - Texas Instruments PCM2912 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
www.ti.com
PCM2912
SLES216 – FEBRUARY 2008
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted
PCM2912PJT
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
DAC CHARACTERISTICS
Resolution
16
Bits
Audio data channel
1, 2
channel
8, 11.025, 16, 22.05, 32, 44.1,
Sampling frequency
kHz
48
DYNAMIC PERFORMANCE(7)
RL > 10 kΩ, VOUT = 0 dB of 0.6 VCCA
0.01%
0.02%
THD+N
RL = 32 Ω, VOUT = 0 dB of 0.55 VCCA
0.02%
0.05%
Dynamic range
EIAJ, A-Weighted
82
90
dB
S/N ratio
EIAJ, A-Weighted
84
92
dB
Channel separation
RL > 10 kΩ
80
88
dB
DC ACCURACY
Gain mismatch
±2
±10 % of FSR
channel-to-channel
Gain error
±2
±10 % of FSR
Bipolar zero error
±3
% of FSR
ANALOG OUTPUT
RL > 10 kΩ
0.6 VCCA
Output voltage
Vp-p
RL = 32 Ω
0.55 VCCA
Center voltage
0.5 VCCA
V
RL = 32 Ω
13
Output power
mW
RL = 16 Ω
25
LINE
10
k
Ω
Load impedance (AC coupling)
HEADPHONE
16
32
Ω
–3 dB
140
kHz
LPF frequency response
f = 20 kHz
–0.1
dB
SIDETONE PROGRAMMABLE ATTENUATOR
Gain range
–76
0
dB
Gain step size
1
dB
OUTPUT PROGRAMMABLE ATTENUATOR
Gain range
–76
0
dB
Gain step size
1
dB
ANALOG LOOPBACK PERFORMANCE(8)
RL > 10 kΩ, VIN = 0 dB of 0.43 VCCA
0.01%
0.02%
THD+N
RL = 32 Ω, VIN = 0 dB of 0.43 VCCA
0.02%
0.05%
Dynamic range
EIAJ, A-weighted
82
90
dB
S/N ratio
EIAJ, A-weighted
84
92
dB
(7)
fOUT = 1 kHz, using Audio Precision ™System Two ™, RMS mode with 20 kHz LPF, 400 Hz HPF. Output attenuator = 0 dB,
Sidetone = Mute.
(8)
MIC Amp = 0 dB, Sidetone attenuator = 0 dB, Output attenuator = 0 dB.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PCM2912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com